Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 35 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 35 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 31Page - Exar Corporation XRT79L71IB Datasheet HTML 32Page - Exar Corporation XRT79L71IB Datasheet HTML 33Page - Exar Corporation XRT79L71IB Datasheet HTML 34Page - Exar Corporation XRT79L71IB Datasheet HTML 35Page - Exar Corporation XRT79L71IB Datasheet HTML 36Page - Exar Corporation XRT79L71IB Datasheet HTML 37Page - Exar Corporation XRT79L71IB Datasheet HTML 38Page - Exar Corporation XRT79L71IB Datasheet HTML 39Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 434 page
background image
XRT79L71
26
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION
3 - 0
Loop-back Control [3:0]
R/W
Loop-back Mode Select:
These READ/WRITE bit-fields permit the user to configure the
XRT79L71 to operate in any of the following loop-back modes.
• Local Medium Loop-back
• Remote Host Loop-back
The following table presents the contents of these bit-fields and
the corresponding Loop-back Modes.
NOTE: The Local Medium Loop-back Mode is only available if
the XRT79L71 has been configured to operate in the
ATM UNI or in the PPP Modes
Operation Control Register - Byte 0 (Address = 0x0103)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Reserved
Reserved
PPP/ATM*
Reserved
Software
RESET
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0
0
0
0
0
0
0
BIT NUMBER
NAME
TYPE
DESCRIPTION
7-6
Reserved
R/W
Set to "1" for Normal Operation.
5 - 3
Reserved
R/O
2
PPP/ATM*
R/W
PPP/ATM UNI Mode Select:
This READ-WRITE bit-field permits the user to configure the
XRT79L71 to operate in either the ATM UNI or PPP Mode.
If Bit 3 (Dual Bus), within the Operation Control Register - Byte 3
is set to "0", then this bit-field will then dictate the operating
mode of the XRT79L71.
0 - Configures the XRT79L71 to operate in the ATM UNI Mode.
1 - Configures the XRT79L71 to operate in the PPP Mode.
NOTE: This bit-field is ignored if Bit 0 (Configuration Control)
within the Operation Control Register - Byte 3 is is set to
"1".
1
Reserved
R/O
BIT NUMBER
NAME
TYPE
DESCRIPTION
Reserved
Remote Host Loop-back Mode
Local Medium Loop-back Mode
Reserved
Resulting Loop-back Mode
0101 - 1111
0101
0100
0000 - 0011
Loop-back Control [3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com