| Electronic Components Datasheet Search |
|
XRT79L71IB Datasheet(PDF) 82 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT79L71IB Datasheet(HTML) 82 Page - Exar Corporation |
|
82 / 434 page ![]() XRT79L71 73 1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION REV. 1.0.0 6 HDLC Controller Enable Continued R/W In the Receive Direction In the Receive Direction, the Receive High-Speed HDLC Con- troller block will accept the payload data (within the incoming DS3/E3 data-stream) from the Receive DS3/E3 Framer block. As the Receive High-Speed HDLC Controller block receives this incoming data, it will perform the following functions. • It will flag any occurrence of the Flag Sequence octet, within the incoming data-stream.. • It will locate the boundaries of the incoming HDLC frames.· It will perform zero-unstuffing on the payload data (within each incoming HDLC frame). • It will compute and verify either the CRC-16 or CRC-32 value (that is appended at the back-end of the outbound HDLC Frame). • It will output this incoming HDLC data to the System-Side Terminal Equipment via a byte-wide output interface. 0 - Configures the XRT79L71 to operate in the Clear-Channel Framer Mode (e.g., disables the Transmit and Receive High- Speed HDLC Controller blocks). 1- Configures the XRT79L71 to operate in the High-Speed HDLC Controller (e.g., enables the Transmit and Receive High- Speed HDLC Controller blocks). 5 HDLC CRC-32 R/W HDLC CRC-32: This READ/WRITE bit-field permits the user to configure the Transmit and Receive High-Speed HDLC Controller blocks to handle either CRC-16 or CRC-32 values (at the back-end of each HDLC frame), as described below. If configured to handle CRC-16 values If the XRT79L71 is configured to handle CRC-16 Values then all of the following is true. • The Transmit High-Speed HDLC Controller block will compute and append a CRC-16 (2-byte) value to the back-end of each Outbound HDLC frame. • The Receive High-Speed HDLC Controller block will compute and verify the CRC-16 value (which has been appended to the back-end) of each incoming HDLC frame. If configured to handle CRC-32 values: If the XRT79L71 is configured to handle CRC-32 Values then all of the following is true. • The Transmit High-Speed HDLC Controller block will compute and append a CRC-32 (4-byte) value to the back-end of each Outbound HDLC frame. • The Receive High-Speed HDLC Controller block will compute and verify the CRC-32 value (which has been appended to the back-end) of each incoming HDLC frame. 0 - Configures the XRT79L71 to handle CRC-16 values. 1 - Configures the XRT79L71 to handle CRC-32 values. NOTE: This bit-field is only active if the XRT79L71 has been configured to operate in the High-Speed HDLC Controller Mode. BIT NUMBER NAME TYPE DESCRIPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |