Electronic Components Datasheet Search
  English  ▼

X  

AP72202 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP72202
Description  HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72202 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP72202 Datasheet HTML 1Page - Diodes Incorporated AP72202 Datasheet HTML 2Page - Diodes Incorporated AP72202 Datasheet HTML 3Page - Diodes Incorporated AP72202 Datasheet HTML 4Page - Diodes Incorporated AP72202 Datasheet HTML 5Page - Diodes Incorporated AP72202 Datasheet HTML 6Page - Diodes Incorporated AP72202 Datasheet HTML 7Page - Diodes Incorporated AP72202 Datasheet HTML 8Page - Diodes Incorporated AP72202 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
AP72202
Document number: DS46304 Rev. 1 - 2
4 of 30
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AP72202
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VIN, PVIN
Supply Voltage
-0.3 to 7.0
V
VOUT
Output Voltage
-0.3 to 6.0
V
VSW1, VSW2
Switch Node Voltage
-1.0 to 7.0 (DC)
V
VSW1, VSW2
Switch Node Voltage
-2.5 to 8.0 (20ns)
V
VIO
I2C Voltage
-1.0 to 7.0
V
All Other Pins
—
-0.3 to 7.0
V
TJ
Junction Temperature
+150
°C
TL
Lead Temperature
+260
°C
ESD Susceptibility (Note 5)
—
—
—
HBM
Human Body Model
3000
V
CDM
Charged Device Model
1000
V
Notes:
4. Stresses greater than the Absolute Maximum Ratings specified above can cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability can be
affected by exposure to absolute maximum rating conditions for extended periods of time.
5. Semiconductor devices are ESD sensitive and can be damaged by exposure to ESD events. Suitable ESD precautions should be taken when
handling and transporting these devices.
Thermal Resistance (Note 6)
Symbol
Parameter
Rating
Unit
θJA
Junction to Ambient
2.125 × 1.750mm
50
°C/W
θJC
Junction to Case
2.125 × 1.750mm
2
°C/W
Note:
6. Test condition for WLCSP: Device mounted on FR-4 substrate, four-layer PC board, 2oz copper, with minimum recommended pad layout
Recommended Operating Conditions (Note 7) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
PVIN
Supply Voltage
2.3
5.5
V
TA
Operating Ambient Temperature Range
-30
+85
°C
Note:
7. The device function is not guaranteed outside of the recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com