Electronic Components Datasheet Search
  English  ▼

X  

AP72202 Datasheet(PDF) 28 Page - Diodes Incorporated

Part # AP72202
Description  HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72202 Datasheet(HTML) 28 Page - Diodes Incorporated

Back Button AP72202 Datasheet HTML 22Page - Diodes Incorporated AP72202 Datasheet HTML 23Page - Diodes Incorporated AP72202 Datasheet HTML 24Page - Diodes Incorporated AP72202 Datasheet HTML 25Page - Diodes Incorporated AP72202 Datasheet HTML 26Page - Diodes Incorporated AP72202 Datasheet HTML 27Page - Diodes Incorporated AP72202 Datasheet HTML 28Page - Diodes Incorporated AP72202 Datasheet HTML 29Page - Diodes Incorporated AP72202 Datasheet HTML 30Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
AP72202
Document number: DS46304 Rev. 1 - 2
30 of 30
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AP72202
Ordering Information (Note 9)
AP72202 xx - x
Packing
Package
WLCSP-20
7 : Tape & Reel
Part Number
Package
Packing
Qty.
Carrier
AP72202CT20-7
W-WLB2118-20
3000
Tape and Reel
Note:
9. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/
Marking Information
W-WLB2118-20
XX
YW X
XX : Identification Code
Y : Year 0~9; E~M
X : Internal Code
( Top View )
W : Week : A~Z : 1~26 week;
52 and 53 week
Part Number
Package
Identification Code
AP72202CT20-7
W-WLB2118-20
D9
28
CT20: W-WLB2118-20
xxxx - x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com