Electronic Components Datasheet Search
  English  ▼

X  

AP72202 Datasheet(PDF) 17 Page - Diodes Incorporated

Part # AP72202
Description  HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72202 Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button AP72202 Datasheet HTML 13Page - Diodes Incorporated AP72202 Datasheet HTML 14Page - Diodes Incorporated AP72202 Datasheet HTML 15Page - Diodes Incorporated AP72202 Datasheet HTML 16Page - Diodes Incorporated AP72202 Datasheet HTML 17Page - Diodes Incorporated AP72202 Datasheet HTML 18Page - Diodes Incorporated AP72202 Datasheet HTML 19Page - Diodes Incorporated AP72202 Datasheet HTML 20Page - Diodes Incorporated AP72202 Datasheet HTML 21Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
AP72202
Document number: DS46304 Rev. 1 - 2
19 of 30
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AP72202
Application Information (continued)
Thermal Shutdown
A built-in thermal protection feature protects the AP72202 if the die temperature reaches +150°C (typical). At this die temperature, the regulator is
completely shut down. The die temperature continues to be monitored in this thermal-shutdown mode. When the die temperature falls to +135°C
(typical), the device will resume normal operation. When exiting thermal shutdown, the AP72202 will execute its soft-start sequence.
Output Voltage Slew-Rate Control
Buck-boost regulator supports programmable slew-rate control feature when increasing and decreasing the output voltage. The ramp-up slew-rate
can be set to 20mV/µs or 40mV/µs through BB_RU_SR bit, while the ramp-down slew-rate is programmable to 5mV/µs or 10mV/µs through
BB_RD_SR bit in I2C address 0x02.
Output Active Discharge
The AP72202
provides an internal 100Ω resistor for output active discharge function. If the active discharge function is enabled (BB_AD = 1 in I2C
address 0x02), the internal resistor discharges the energy stored in the output capacitor to PGND whenever the regulator is disabled. Either the
regulator remains enabled or the active discharge function is disabled (BB_AD = 0), the internal resistor is disconnected from the output. If the active
discharge function is disabled, the output voltage decays at a rate that is determined by the output capacitance and the load current when the
regulator is turned off.
Inductor Selection
An inductor with high frequency core material (e.g., ferrite core) should be used to minimize core losses and provide good efficiency. The inductor
must be able to handle the peak switching currents without saturating. A 1µH inductor with ≥ 4.4A saturation current rating is recommended. Select
an inductor with low DCR to provide good efficiency. In applications where radiated noise must be minimized, a toroidal or shielded inductor can be
used.
PVIN and VOUT Capacitor Selection
The input and output capacitors should be ceramic X5R type with low ESL and ESR. The recommended input capacitor value is 22µF, as this would
provide adequate RMS current to minimize the input voltage ripple. A minimum of 10µF is required to maintain full functionality of the part. The
recommended output capacitor is 2x22µF, 10V, X5R. Note that the effective value of a ceramic capacitor derates with DC voltage bias across it.
This derating may be up to 70% of the rated capacitance. Refer to the capacitor datasheet to ensure the combined effective output capacitance is
at least 30µF for proper operation over the entire recommended load current range. Low output capacitance may lead to large output-voltage drop
during load transient or unstable operation.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com