Electronic Components Datasheet Search
  English  ▼

X  

AP72202 Datasheet(PDF) 26 Page - Diodes Incorporated

Part # AP72202
Description  HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72202 Datasheet(HTML) 26 Page - Diodes Incorporated

Back Button AP72202 Datasheet HTML 22Page - Diodes Incorporated AP72202 Datasheet HTML 23Page - Diodes Incorporated AP72202 Datasheet HTML 24Page - Diodes Incorporated AP72202 Datasheet HTML 25Page - Diodes Incorporated AP72202 Datasheet HTML 26Page - Diodes Incorporated AP72202 Datasheet HTML 27Page - Diodes Incorporated AP72202 Datasheet HTML 28Page - Diodes Incorporated AP72202 Datasheet HTML 29Page - Diodes Incorporated AP72202 Datasheet HTML 30Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
AP72202
Document number: DS46304 Rev. 1 - 2
28 of 30
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AP72202
Application Information (continued)
Output Voltage Setting Register
ADDRESS
0x04
BIT
7
010 1000
VOUT [6:0]
6:0
0x5C = 4.44V
0x5D = 4.46V
0x5E = 4.48V
0x5F = 4.50V
0x1C = 3.16V
0x1D = 3.18V
0x1E = 3.20V
0x1F = 3.22V
0x3A = 3.76V
0x3B = 3.78V
0x3C = 3.80V
0x3D = 3.82V
0x3E = 3.84V
0x3F = 3.86V
0x09 = 2.78V
0x16 = 3.04V
0x36 = 3.68V
0x56 = 4.32V
0x17 = 3.06V
0x37 = 3.70V
0x57 = 4.34V
0x14 = 3.00V
0x34 = 3.64V
0x54 = 4.28V
0x15 = 3.02V
0x35 = 3.66V
0x55 = 4.30V
0x1A = 3.12V
0x1B = 3.14V
0x5A = 4.40V
0x5B = 4.42V
0x18 = 3.08V
0x38 = 3.72V
0x58 = 4.36V
0x19 = 3.10V
0x39 = 3.74V
0x59 = 4.38V
0x12 = 2.96V
0x32 = 3.60V
0x52 = 4.24V
0x13 = 2.98V
0x33 = 3.62V
0x53 = 4.26V
0x10 = 2.92V
0x30 = 3.56V
0x50 = 4.20V
0x11 = 2.94V
0x31 = 3.58V
0x51 = 4.22V
0x4B = 4.10V
0x04 = 2.68V
0x24 = 3.32V
0x44 = 3.96V
0x46 = 4.00V
0x0E = 2.88V
0x2E = 3.52V
0x4E = 4.16V
0x0F = 2.90V
0x2F = 3.54V
0x4F = 4.18V
0x0D = 2.86V
0x2D = 3.50V
0x4D = 4.14V
0x01 = 2.62V
0x21 = 3.26V
0x41 = 3.90V
0x0C = 2.84V
0x2C = 3.48V
0x4C = 4.12V
0x29 = 3.42V
0x49 = 4.06V
0x07 = 2.74V
0x27 = 3.38V
0x47 = 4.02V
0x08 = 2.76V
0x28 = 3.40V
0x48 = 4.04V
0x05 = 2.70V
0x25 = 3.34V
0x45 = 3.98V
0x06 = 2.72V
0x26 = 3.36V
0x0A = 2.80V
0x2A = 3.44V
0x4A = 4.08V
0x0B = 2.82V
0x2B = 3.46V
0x03 = 2.66V
0x23 = 3.30V
0x43 = 3.94V
0x63 = 4.58V
DESCRIPTION
0x00 = 2.60V
0x20 = 3.24V
0x40 = 3.88V
MODE
TYPE: O
R/W
0x61 = 4.54V
NAME
POR
RESERVE
0
0x02 = 2.64V
0x22 = 3.28V
0x42 = 3.92V
0x62 = 4.56V
0x60 = 4.52V
RESET VALUE: 0x28
0x7F = 5.14V
0x7E = 5.12V
0x7D = 5.10V
0x7C = 5.08V
0x7B = 5.06V
0x7A = 5.04V
0x79 = 5.02V
0x78 = 5.00V
0x77 = 4.98V
0x76 = 4.96V
0x75 = 4.94V
0x74 = 4.92V
0x73 = 4.90V
0x72 = 4.88V
0x71 = 4.86V
0x70 = 4.84V
0x6F = 4.82V
0x6E = 4.80V
0x64 = 4.60V
0x6D = 4.78V
0x6C = 4.76V
0x6B = 4.74V
0x6A = 4.72V
0x69 = 4.70V
0x68 = 4.68V
0x67 = 4.66V
0x66 = 4.64V
0x65 = 4.62V
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com