Electronic Components Datasheet Search
  English  ▼

X  

AP72202 Datasheet(PDF) 24 Page - Diodes Incorporated

Part # AP72202
Description  HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72202 Datasheet(HTML) 24 Page - Diodes Incorporated

Back Button AP72202 Datasheet HTML 20Page - Diodes Incorporated AP72202 Datasheet HTML 21Page - Diodes Incorporated AP72202 Datasheet HTML 22Page - Diodes Incorporated AP72202 Datasheet HTML 23Page - Diodes Incorporated AP72202 Datasheet HTML 24Page - Diodes Incorporated AP72202 Datasheet HTML 25Page - Diodes Incorporated AP72202 Datasheet HTML 26Page - Diodes Incorporated AP72202 Datasheet HTML 27Page - Diodes Incorporated AP72202 Datasheet HTML 28Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
AP72202
Document number: DS46304 Rev. 1 - 2
26 of 30
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AP72202
Application Information (continued)
Registers
Register reset conditions
– Registers are reset when VIN = low or EN = low.
Register Map - I2C Slave Address (W/R): 0x86/0x87 (default)
Device ID Register
Status Register
The status register BIT are reset automatically upon fault removal.
ADDRESS
REGISTER
NAME
RESET
TYPE
R/W
BIT 7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
RESET
VALUE
0x00
DEVICE_ID TYPE_O
R
RESERVED
-
0x01
STATUS
TYPE_O
R
RESERVED RESERVED RESERVED RESERVED TSHDN
BB_PGn
BB_OVP
BB_OCP
-
0x02
CONFIG1 TYPE_O
R/W RESERVED BB_UMODE BB_RU_SR BB_RD_SR
BB_AD
BB_FPWM
0x0E /
0x0F
0x03
CONFIG2 TYPE_O
R/W RESERVED
BB_EN
EN_PD
PG_POL
OCP
RESERVED RESERVED RESERVED
0x70 /
0x78
0x04
VOUT
TYPE_O
R/W RESERVED
0x28
VOUT[ 6:0]
VERSION [3:0]
CHIP_REV [2:0]
BB_OVP [1:0]
ADDRESS
0x00
BIT
7
6:3
2:0
MODE
R
TYPE: O
NAME
POR
RESET VALUE: N/A
RESERVE
0
DESCRIPTION
VERSION [3:0]
CHIP_REV [2:0]
-
-
Version
0000b: Plain
0001b: -1Z
0010b: -2Z
Chip Revision History
000b: Pass1
001b: Pass2
010b: Pass3
011b: Pass4
100b: Pass5
101b: Pass6
110b: Pass7
111b: Pass8
ADDRESS
0x01
BIT
7:4
3
2
1
0
BB_OVP
-
Buck-boost OVP Status
BB_OCP
-
Buck-boost OCP Status
TSHDN
-
0: Junction Temperature ≤ 150C
1: Junction Temperature ≥ 150°C
BB_PGn
-
Buck-boost PG Status
MODE
TYPE: O
RESET VALUE: N/A
R
NAME
POR
DESCRIPTION
RESERVE
-
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com