Electronic Components Datasheet Search
  English  ▼

X  

AP72202 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP72202
Description  HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72202 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP72202 Datasheet HTML 4Page - Diodes Incorporated AP72202 Datasheet HTML 5Page - Diodes Incorporated AP72202 Datasheet HTML 6Page - Diodes Incorporated AP72202 Datasheet HTML 7Page - Diodes Incorporated AP72202 Datasheet HTML 8Page - Diodes Incorporated AP72202 Datasheet HTML 9Page - Diodes Incorporated AP72202 Datasheet HTML 10Page - Diodes Incorporated AP72202 Datasheet HTML 11Page - Diodes Incorporated AP72202 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
AP72202
Document number: DS46304 Rev. 1 - 2
8 of 30
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AP72202
Electrical Characteristics (continued)
I2C
– Compatible Interface Timing (High-Speed Mode, CB = 100pF) (Note 8)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
fSCL
Clock Frequency
—
—
—
3.4
MHz
tSU;STA
Setup Time (Repeated) Start
Condition
SCL rising edge to SDA
falling edge; Both crossing
High threshold
160
—
—
ns
tHD;STA
Hold Time (Repeated) Start
Condition
From SDA falling edge
crossing Low threshold to
SCL falling edge crossing
High threshold
160
—
—
ns
tLOW
SCL Low Period
Time measured during the
Low voltage threshold
160
—
—
ns
tHIGH
SCL High Period
Time measured during the
High voltage threshold
60
—
—
ns
tHD;DAT
Input Data Hold Time
From SCL falling edge
crossing Low threshold to
SDA entering the Low-High
window
—
35
—
ns
tSU;DAT
Input Data Setup Time
From SDA exiting the Low-
High window to SCL rising
edge crossing Low threshold
10
—
—
ns
tSU;STO
Setup Time for Stop Condition
From SCL rising edge
crossing High threshold to
SDA rising edge crossing Low
threshold
160
—
—
ns
tRCL
SCL Rise time
—
10
—
40
ns
tRCL1
Rise Time of SCL Signal after
REPEATED START Condition and
after Acknowledge Bit
—
10
—
80
ns
tFCL
SCL Fall Time
—
10
—
40
ns
tRDA
SDA Rise Time
—
—
—
80
ns
tFDA
SDA Fall Time
—
—
—
80
ns
tBUF
Bus-Free Time Between Stop and
Start
From SDA crossing High
threshold during STOP
condition to SDA crossing
High threshold for the
following START condition
—
10
—
ns
tSP
Maximum Pulse Width of Spike That
Must be Suppressed by the Input
Filter
Any pulse width narrower
than the maximum
specification is suppressed
—
10
—
ns
CB
Capacitive Load for Each Bus Line
Total on-chip and off-chip
—
—
100
pF
Note:
8. All min/max parameters compliance to the datasheet limits are assured by one or more methods: production test, characterization, and/or design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com