Electronic Components Datasheet Search
  English  ▼

X  

AP72202 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP72202
Description  HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72202 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP72202 Datasheet HTML 2Page - Diodes Incorporated AP72202 Datasheet HTML 3Page - Diodes Incorporated AP72202 Datasheet HTML 4Page - Diodes Incorporated AP72202 Datasheet HTML 5Page - Diodes Incorporated AP72202 Datasheet HTML 6Page - Diodes Incorporated AP72202 Datasheet HTML 7Page - Diodes Incorporated AP72202 Datasheet HTML 8Page - Diodes Incorporated AP72202 Datasheet HTML 9Page - Diodes Incorporated AP72202 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
AP72202
Document number: DS46304 Rev. 1 - 2
6 of 30
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AP72202
Electrical Characteristics (continued)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VOUT/IOUT
Load Regulation
PFM, IOUT = 0-2A, Address
0x04,
VOUT [6:0] = 0x28, MODE = 0
—
16.5
—
mV/A
Ultrasonic Mode, IOUT = 0-2A,
Address 0x04, VOUT [6:0] =
0x28, BB_UMODE = 1,
BB_FPWM = 0
—
16.5
—
mV/A
PWM, IOUT = 0-2A, Address
0x04, VOUT [6:0] = 0x28,
MODE = 1
—
3.5
—
mV/A
PG Detection
Threshold
Percentage of Output
Regulation
75
80
85
%
Thresholds Hysteresis
—
—
5
—
%
PG Low
Voltage
PG LOW
IPG Sink = 3mA
—
—
0.4
V
PG Delay
Rising Edge
—
—
1.5
—
ms
Falling Edge
—
—
3
—
μs
VEN_H,
VMODE_H,
VOCP_H
EN/MODE/OCP Logic-High
—
1.4
—
—
V
VEN_L,
VMODE_L,
VOCP_L
EN/MODE/OCP Logic-Low
—
—
—
0.4
V
IEN
EN Input Current
VEN = 5.5V, EN_PD BIT = 0
—
0.1
—
μA
VEN = 0
—
0.1
—
μA
IOCP
OCP Input Current
VOCP = 5.5V
—
0.1
—
μA
VOCP= 0
—
0.1
—
μA
IMODE
MODE Input Current
VMODE = 5.5V
—
1
—
μA
VMODE = 0
—
0.1
—
μA
tSS
Soft-Start Period
OCP = 0
—
0.8
—
ms
OCP = VIN
—
0.12
—
TSD
Thermal Shutdown (Note 8)
—
—
150
—
°C
Thermal Hysteresis (Note 8)
—
—
15
—
°C
I2C Electrical Characteristics
VIO
VI Voltage Range
—
1.7
—
5.5
V
SCL, SDA
SCL, SDA Input High Voltage
Threshold
—
0.7 x VIO
—
—
V
SCL, SDA Input Low Voltage
Threshold
—
—
—
0.3 x VIO
V
Hysteresis
—
—
0.05 x
VIO
—
V
Input Current
—
-10
—
10
μA
Input Capacitance
—
—
10
—
pF
SDA
Output Low Voltage
ISINK = 20mA
—
—
0.4
V
tOF
Output Fall Time from VIO to 0.3 x
VIO
—
—
—
120
ns
Note:
8. All min/max parameters compliance to the datasheet limits are assured by one or more methods: production test, characterization, and/or design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com