Electronic Components Datasheet Search
  English  ▼

X  

AP72202 Datasheet(PDF) 23 Page - Diodes Incorporated

Part # AP72202
Description  HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72202 Datasheet(HTML) 23 Page - Diodes Incorporated

Back Button AP72202 Datasheet HTML 19Page - Diodes Incorporated AP72202 Datasheet HTML 20Page - Diodes Incorporated AP72202 Datasheet HTML 21Page - Diodes Incorporated AP72202 Datasheet HTML 22Page - Diodes Incorporated AP72202 Datasheet HTML 23Page - Diodes Incorporated AP72202 Datasheet HTML 24Page - Diodes Incorporated AP72202 Datasheet HTML 25Page - Diodes Incorporated AP72202 Datasheet HTML 26Page - Diodes Incorporated AP72202 Datasheet HTML 27Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
AP72202
Document number: DS46304 Rev. 1 - 2
25 of 30
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AP72202
Application Information (continued)
Engaging HS Mode for Operation Up to 3.4MHz
Figure 11 below shows the protocol for engaging HS mode operation. HS mode operation allows for a bus operating speed of up to 3.4MHz. The
protocol to engage HS mode is as follows:
1.
Begin the protocol while operating at a bus speed of 1MHz or lower.
2.
The master sends a START condition.
3.
The master sends the 8-
bit master code of 00001xxxb where xxxb are don’t care bits.
4.
The master code is not acknowledged.
4.
The master switches to High-Speed communication and can now increase its bus speed up to 3.4MHZ.
5.
The master sends a REPEATED START condition.
6.
The master issues any read/write operation in the known manner.
The master may continue to issue High-Speed read/write operations until a STOP is issued. Issuing a STOP ensures that the bus input filters are
set for 1MHz or slower operation. Repeat steps 1 to 6 in the above algorithm to re-enter HS mode after a STOP has been issued.
Figure 11. Engaging HS Mode
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com