Electronic Components Datasheet Search
  English  ▼

X  

AP72202 Datasheet(PDF) 27 Page - Diodes Incorporated

Part # AP72202
Description  HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72202 Datasheet(HTML) 27 Page - Diodes Incorporated

Back Button AP72202 Datasheet HTML 22Page - Diodes Incorporated AP72202 Datasheet HTML 23Page - Diodes Incorporated AP72202 Datasheet HTML 24Page - Diodes Incorporated AP72202 Datasheet HTML 25Page - Diodes Incorporated AP72202 Datasheet HTML 26Page - Diodes Incorporated AP72202 Datasheet HTML 27Page - Diodes Incorporated AP72202 Datasheet HTML 28Page - Diodes Incorporated AP72202 Datasheet HTML 29Page - Diodes Incorporated AP72202 Datasheet HTML 30Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
AP72202
Document number: DS46304 Rev. 1 - 2
29 of 30
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AP72202
Application Information (continued)
PC Board Layout
The AP72202 works at 2A load current, and heat dissipation is a major concern in layout the PCB. A 2oz copper in both top and bottom layer is
recommended. Correct PCB layout is critical for proper operation of the AP72202. The following are some general guidelines for the recommended
layout:
1.
The input and output capacitors should be positioned directly across PVIN-PGND and VOUT-PGND as close to the IC as possible to ensure
noise free operation.
2.
The ground connections of the input and output capacitors should be kept as short as possible. The objective is to minimize the current loop
between the ground pads of the input and output capacitors and the PGND pins of the IC. Use via, if required, to take advantage of a PCB
ground layer underneath the regulator.
3.
The analog ground pin (GND) should be connected to a large/low-noise ground plane on the top or an intermediate layer of the PCB, away
from the switching current path of PGND. This ensures a low noise signal ground reference.
4.
Fill the 2ND layer with PGND. Single point connects the GND to 2ND layer PGND.
5.
Minimize the trace lengths on the feedback loop to avoid switching noise pick-up. Via should be avoided on the feedback loop to minimize the
effect of board parasitic, particularly during load transients.
6.
The SW1 and SW2 traces should be short.
7.
See figure 12 below for more detail of the recommended layout.
VIN
FB
PVIN
OCP
PG
SW1
MODE
GND
PGND
SDA
EN
SW2
SCL
VIO
VOUT
1
2
3
4
5
A
B
C
D
VOUT
VOUT
SW2
SW2
PGND
PGND
SW1
SW1
PVIN
PVIN
C1
C2
L1
PVIN
PGND
VOUT
Figure 12. Recommended Layout Design
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com