Electronic Components Datasheet Search
  English  ▼

X  

AP72202 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP72202
Description  HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72202 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP72202 Datasheet HTML 1Page - Diodes Incorporated AP72202 Datasheet HTML 2Page - Diodes Incorporated AP72202 Datasheet HTML 3Page - Diodes Incorporated AP72202 Datasheet HTML 4Page - Diodes Incorporated AP72202 Datasheet HTML 5Page - Diodes Incorporated AP72202 Datasheet HTML 6Page - Diodes Incorporated AP72202 Datasheet HTML 7Page - Diodes Incorporated AP72202 Datasheet HTML 8Page - Diodes Incorporated AP72202 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
AP72202
Document number: DS46304 Rev. 1 - 2
5 of 30
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AP72202
Electrical Characteristics (@TA = +25°C, VIN = PVIN = EN = 3.6V, unless otherwise specified.)
Min/Max limits apply across the recommended ambient temperature range, -30°C to +85°C and input voltage range 2.3V to 5.5V.
Buck-Boost Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IIN
Shutdown Supply Current
VEN = 0
—
0.3
1
µA
IIN
Supply Current (Quiescent)
VEN = VIN, Non-Switching,
EN_PD BIT = 0
—
20
30
µA
PFM, VEN = VIN, VIO = 0,
MODE = 0
—
29
45
µA
Ultrasonic Mode, VEN = VIN,
VIO = 0, MODE = 0,
BB_UMODE=1, BB_FPWM=0
—
180
250
µA
PWM, VEN = VIN, VIO = 0,
MODE = 1
—
9
15
mA
POR/UVLO
VIN Power-On-Reset Voltage
Threshold, Rising Edge
—
2.150
2.225
2.295
V
VIN, Undervoltage Lockout Threshold,
Falling Edge
—
2.055
2.125
2.230
V
Hysteresis
—
50
100
150
mV
RDS(ON)1
High-Side Switch On-Resistance from
PVIN to SW1
—
—
25
40
m
Ω
RDS(ON)2
Low-Side Switch On-Resistance from
SW1 to PGND
—
—
25
40
m
Ω
RDS(ON)3
High-Side Switch On-Resistance from
SW2 to VOUT
—
—
25
40
m
Ω
RDS(ON)4
Low-Side Switch On-Resistance from
SW2 to PGND
—
—
25
40
m
Ω
RDISCHARGE
VOUT Soft Discharge On-Resistance
—
70
100
130
Ω
Leakage
Current
SW1/SW2
HS Q1 or HS Q3 Leakage Current
SW1 = 0 or SW2 = 0,
VIN = 5.5V, EN = 0
—
—
1
µA
ILIMIT
Positive HS Current Limit, Q1
OCP = 0
2.25
2.50
2.75
A
OCP = VIN
4.0
4.4
4.8
A
IPFMPK
PFM Peak Current Limit
—
1.0
1.3
1.6
A
IZC
Zero Cross Current Threshold
—
—
200
—
mA
INLIMIT
Negative LS Current Limit, Q2
—
1.4
2.0
2.6
A
fSW
Oscillator Frequency
Continuous Switching
Frequency at Both Buck and
Boost Mode
2.1
2.5
2.9
MHz
Ultrasonic Mode,
BB_UMODE=1, BB_FPWM=0
20
27
—
kHz
VOUT
Output Voltage Range
I2C Programmable (20mV
step)
2.60
—
5.14
V
Default Output Voltage
IOUT = 0, Address 0x04,
VOUT [6:0] = 0x28, MODE = 1
3.366
3.400
3.434
V
Output Accuracy
IOUT = 0, Address 0x04,
VOUT [6:0] = 0x28, MODE = 0
3.349
—
3.46
V
VOUT/VIN
Line Regulation
PFM, VIN = 2.3V-5.5V,
IOUT = 0, Address 0x04,
VOUT [6:0] = 0x28, MODE = 0
—
1.3
—
mV/V
Ultrasonic Mode, VIN = 2.3V-
5.5V, IOUT = 0, Address 0x04,
VOUT [6:0] = 0x28,
BB_UMODE=1, BB_FPWM=0
—
1.7
—
mV/V
PWM, VIN = 2.3V-5.5V,
IOUT = 2A, Address 0x04,
VOUT [6:0] = 0x28, MODE = 1
—
1
—
mV/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com