Electronic Components Datasheet Search
  English  ▼

X  

AP72202 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP72202
Description  HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72202 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP72202 Datasheet HTML 1Page - Diodes Incorporated AP72202 Datasheet HTML 2Page - Diodes Incorporated AP72202 Datasheet HTML 3Page - Diodes Incorporated AP72202 Datasheet HTML 4Page - Diodes Incorporated AP72202 Datasheet HTML 5Page - Diodes Incorporated AP72202 Datasheet HTML 6Page - Diodes Incorporated AP72202 Datasheet HTML 7Page - Diodes Incorporated AP72202 Datasheet HTML 8Page - Diodes Incorporated AP72202 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
AP72202
Document number: DS46304 Rev. 1 - 2
1 of 30
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AP72202
HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES
Description
The AP72202 is a high-current synchronous buck-boost converter
providing high efficiency, excellent transient response and high DC
output accuracy. The targeted applications are smartphones, tablets,
and other handheld devices. The AP72202 utilizes a four-switch H-
bridge configuration to support buck and boost operation. The buck-
boost provides at least 2A output current.
The current control scheme handles wide input/output voltage ratios
and provides low external component count with outstanding
performance in line/load transient response and seamless transition
between buck and boost modes.
The AP72202 features I2C compatible, two-wire serial interface
consisting of a bidirectional serial-data line, SDA, and a serial-clock
line, SCL. It supports SCL clock rates up to 3.4MHz.
The AP72202 also features UVLO, OTP, and OCP to protect the circuit.
This IC is available in a small 2.125 × 1.750mm, 20 balls WLCSP
package.
Features
•
VIN 2.3V to 5.5V
•
Output Voltage Range: 2.6V to 5.14V
•
2A Continuous Output Current for VOUT = 3.4V and VIN > 2.9V
Efficiency Up to 97%
•
2.5MHz Switching Frequency
•
I2C Interface
•
Selectable MODE PFM/PWM
•
Ultrasonic Operation Programmable Through I2C
•
Power-Good (PG) Indicator with 5M
Ω Internal Pullup
•
Adjustable Overcurrent Limit
•
Fully Protected for Overcurrent, Short-Circuit, Reverse Current
Protection, Overtemperature, and UVLO
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
TOP VIEW
(BALLS SIDE DOWN)
Applications
•
Smartphones
•
Tablets
•
Portable consumer devices
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP72202

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
Rev erse
AP72200CT20-7 DIODES-AP72200CT20-7 Datasheet
1Mb / 30P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
Rev erse
More results

Similar Description - AP72202

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
High Efficiency Synchronous DC/DC Buck Converter
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 3
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
Rev erse
logo
SHOUDING Shouding Semic...
SD6304 SHOUDING-SD6304 Datasheet
2Mb / 12P
High efficiency synchronous boost DC-DC converter
logo
QX Micro Devices Co.,Lt...
QX2304 QXMD-QX2304 Datasheet
240Kb / 2P
High-efficiency PFM synchronous boost DC-DC converter
logo
Shenzhen Huazhimei Semi...
HM6384 HMSEMI-HM6384 Datasheet
818Kb / 7P
high efficiency PFM synchronous boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com