Electronic Components Datasheet Search
  English  ▼

X  

AP72202 Datasheet(PDF) 18 Page - Diodes Incorporated

Part # AP72202
Description  HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72202 Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button AP72202 Datasheet HTML 14Page - Diodes Incorporated AP72202 Datasheet HTML 15Page - Diodes Incorporated AP72202 Datasheet HTML 16Page - Diodes Incorporated AP72202 Datasheet HTML 17Page - Diodes Incorporated AP72202 Datasheet HTML 18Page - Diodes Incorporated AP72202 Datasheet HTML 19Page - Diodes Incorporated AP72202 Datasheet HTML 20Page - Diodes Incorporated AP72202 Datasheet HTML 21Page - Diodes Incorporated AP72202 Datasheet HTML 22Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
AP72202
Document number: DS46304 Rev. 1 - 2
20 of 30
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AP72202
Application Information (continued)
Serial Interface
The I2C compatible 2-wire serial interface is used for regulator on/off control, setting output voltages, and other functions. See the Register Map
section for details. The I2C interface is an open-drain serial bus that consists of a bidirectional serial data line (SDA) and a serial clock line (SCL).
Pull
up resistors of 500Ω each or greater must be added from VIO to SDA and VIO to SCL. Optional 24Ω resistors in series with SDA and SCL help
to protect the device inputs from high voltage spikes on the bus lines. Series resistors also minimize crosstalk and undershoot on bus lines.
System Configuration
Figure 3. Functional Logic Diagram for Communications Controller
The I2C bus is a multi-master bus. The maximum number of devices that can attach to the bus is limited by bus capacitance. The figure above shows
an example of a typical I2C system. A device on the I2C bus that sends data to the bus is called a transmitter. A device that receives data from the
bus is called a receiver. The device that initiates a data transfer and generates the SCL clock signal to control the data transfer is the master. Any
device on the bus that can be addressed by the master is considered a slave. When the AP72202 I2C compatible interface is operating, it is a slave
on I2C bus.
Bit Transfer
One data bit is transferred for each SCL clock cycle. The data on SDA must remain stable during the high portion of SCL clock pulse. Changes in
SDA while SCL is high are control signals (START and STOP conditions).
Figure 4. I2C Bit Transfer
START and STOP Conditions
When the I2C serial interface is inactive, SDA and SCL are pulled high. A master device initiates communication by issuing a START (S) condition.
A START condition is a high-to-low transition on SDA while SCL is high. A STOP (P) condition is a low-to-high transition on SDA while SCL is high.
A START condition from the master signals the AP72202 that a transmission is about to begin. The master terminates transmission and frees the
bus by issuing a STOP condition. To issue a series of commands to the slave, the master may issue REPEATED START (Sr) conditions instead of
a STOP condition in order to maintain control of the bus. In general, a REPEATED START condition is functionally equivalent to a regular START
condition. The AP72202 will listen for its address after a START condition is detected. If its address is not detected, it will stay idle until the next
START condition is detected.
Figure 5. Start and Stop Conditions
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com