Electronic Components Datasheet Search
  English  ▼

X  

AP72202 Datasheet(PDF) 25 Page - Diodes Incorporated

Part # AP72202
Description  HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72202 Datasheet(HTML) 25 Page - Diodes Incorporated

Back Button AP72202 Datasheet HTML 21Page - Diodes Incorporated AP72202 Datasheet HTML 22Page - Diodes Incorporated AP72202 Datasheet HTML 23Page - Diodes Incorporated AP72202 Datasheet HTML 24Page - Diodes Incorporated AP72202 Datasheet HTML 25Page - Diodes Incorporated AP72202 Datasheet HTML 26Page - Diodes Incorporated AP72202 Datasheet HTML 27Page - Diodes Incorporated AP72202 Datasheet HTML 28Page - Diodes Incorporated AP72202 Datasheet HTML 29Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
AP72202
Document number: DS46304 Rev. 1 - 2
27 of 30
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AP72202
Application Information (continued)
Configuration Register 1
Configuration Register 2
ADDRESS
0x02
BIT
7
6
5
4
3:2
1
0
BB_OVP_TH [1:0]
11
Output OVP Threshold
00b: No OVP
01b: 110% of VOUT
10b: 115% of VOUT
11b: 120% of VOUT
BB_FPWM
0
or
1
PWM Enable
0: PFM
1: PWM
1
BB_AD
Output Active Discharge
0: Disable Acive Discharge
1: Enable Active Discharge
BB_RU_SR
0
Rising Ramp-rate Control
0: 20mV/µs
1: 40mV/µs
BB_RD_SR
0
Ramp-down Slew Rate Control
0: 5mV/µs
1: 10mV/µs
MODE
TYPE: O
RESET VALUE: 0x0E (MODE=0) or 0x0F (MODE=1)
R/W
RESERVE
0
DESCRIPTION
BB_UMODE
0
NAME
POR
Ultrasonic Mode Enable
0: No Ultrasonic Mode
1: Ultrasonic Mode (Fs > 20kHz)
ADDRESS
0x03
BIT
7
6
5
4
3
2:0
NAME
POR
DESCRIPTION
RESERVE
0
BB_EN
1
0: Disable Buck-boost Output
1: Enable Buck-boost Output
MODE
TYPE: O
RESET VALUE: 0x70 (OCP=0) or 0x78 (OCP=1)
R/W
OCP
1
Set the Peak Overcurrent Threshold
0: 2.5A
1: 4.4A
RESERVE
000
EN_PD
1
EN Input Pull-down Resistor Enable Setting
0: Disable
1: Enable
PG_POL
1
0: Active Low
1: Active High
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com