Electronic Components Datasheet Search
  English  ▼

X  

AP72202 Datasheet(PDF) 19 Page - Diodes Incorporated

Part # AP72202
Description  HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72202 Datasheet(HTML) 19 Page - Diodes Incorporated

Back Button AP72202 Datasheet HTML 15Page - Diodes Incorporated AP72202 Datasheet HTML 16Page - Diodes Incorporated AP72202 Datasheet HTML 17Page - Diodes Incorporated AP72202 Datasheet HTML 18Page - Diodes Incorporated AP72202 Datasheet HTML 19Page - Diodes Incorporated AP72202 Datasheet HTML 20Page - Diodes Incorporated AP72202 Datasheet HTML 21Page - Diodes Incorporated AP72202 Datasheet HTML 22Page - Diodes Incorporated AP72202 Datasheet HTML 23Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
AP72202
Document number: DS46304 Rev. 1 - 2
21 of 30
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AP72202
Application Information (continued)
Acknowledge
Both I2C bus master and AP72202 (slave) generate ACKNOWLEDGE (ACK) bits when receiving data. The ACK bit is the last bit of each nine bit
data packet. To generate an ACK bit, the receiving device must pull SDA low before the rising edge of the ACK-related clock pulse (ninth SCL pulse)
and keep it low during the high period of the clock pulse. To generate a NOT ACKNOWLEDGE (nACK), the receiving device allows SDA to be pulled
high before the rising edge of the ACK-related clock pulse and leaves it high during the high period of the clock pulse. Monitoring the ACK bits allows
for detection of unsuccessful data transfers. An unsuccessful data transfer occurs if a receiving device is busy or if a system fault has occurred. In
the event of an unsuccessful data transfer, the bus master should reattempt communication at a later time.
Slave Address
The I2C slave address of the AP72202 is shown in table below:
Slave Address (7 Bit)
Slave Address (Write)
Slave Address (Read)
100 0011
0x86 (1000 0110)
0x87 (1000 0111)
Figure 6. Slave Address Byte Example
Clock Stretching
In general, the clock signal generation for the I2C bus is the responsibility of the master device. I2C specification allows slow slave devices to alter
the clock signal by holding down the clock line. The process in which a slave device holds down the clock line is typically called clock stretching.
The AP72202 does not use any form of clock stretching to hold down the clock line.
General Call Address
The AP72202 does not implement the I2C specification called general call address. If the AP72202 sees a general call address (00000000b), it does
not issue an ACKNOWLEDGE.
Communication Speed
The AP72202 provides I2C 3.0-compatible serial interface.
•
I2C revision 3-compatible serial communications channel
• 0 to 100kHz (Standard-mode)
• 0 to 400kHz (Fast-mode)
• 0 to 1MHz (Fast-mode Plus)
• 0 to 3.4MHz (High-Speed mode)
• Does not utilize I2C clock stretching
Operating in Standard-mode, Fast-mode, or Fast-mode Plus does not require any special protocols. The main consideration when changing the bus
speed through this range is the combination of the bus capacitance and pullup resistors. Higher time constants created by the bus capacitance and
pullup resistance (C x R) slow the bus operation. Therefore, when increasing bus speeds, the pullup resistance must be decreased to maintain a
reasonable time constant. Refer to the Pullup Resistor Sizing section of I2C revision 3.0 specification for detailed guidance on the pullup resistor
selection. In general, for bus capacitances of 200pF, a 100kHz bus needs pullup resistors of 5.6k
, a 400kHz bus needs about a 1.5kΩ pullup
resistors, and a 1MHz bus needs 680
Ω pullup resistors. Note that the pullup resistor is dissipating power when the open-drain bus is low. Lower
values of the pullup resistors result in higher power dissipation (V2/R).
Operating in High-Speed (HS) mode requires some special considerations. For the full list of considerations, refer to the I2C 3.0 specification. The
major considerations with respect to the AP72202 are:
•
The I2C bus master uses current source pullups to shorten the signal rise times.
•
The I2C slave must use a different set of input filters on its SDA and SCL lines to accommodate for the higher bus speed.
•
The communication protocols need to utilize the High-Speed master code.
At power-up or after each STOP condition, the AP72202 inputs filters are set for Standard-mode, Fast-mode, or Fast-mode Plus (i.e. 0 to 1MHz).
Use the High-Speed master code protocols that are described in Communication Protocols section to switch the input filters for High-Speed mode.
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com