Electronic Components Datasheet Search
  English  ▼

X  

AP72202 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP72202
Description  HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72202 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP72202 Datasheet HTML 6Page - Diodes Incorporated AP72202 Datasheet HTML 7Page - Diodes Incorporated AP72202 Datasheet HTML 8Page - Diodes Incorporated AP72202 Datasheet HTML 9Page - Diodes Incorporated AP72202 Datasheet HTML 10Page - Diodes Incorporated AP72202 Datasheet HTML 11Page - Diodes Incorporated AP72202 Datasheet HTML 12Page - Diodes Incorporated AP72202 Datasheet HTML 13Page - Diodes Incorporated AP72202 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
AP72202
Document number: DS46304 Rev. 1 - 2
10 of 30
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AP72202
Typical Performance Characteristics (continued)
(@TA = +25°C, PVIN = VIN = VIO = 2.3V to 5.5V, VOUT = 3.4V, L = 1µH, unless otherwise specified.)
3.36
3.37
3.38
3.39
3.40
3.41
3.42
3.43
3.44
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Iout (A)
Load Regulation, PVIN=5V, VOUT=3.4V
PFM
PWM
USM
3.380
3.385
3.390
3.395
3.400
3.405
3.410
3.415
3.420
2
2.5
3
3.5
4
4.5
5
5.5
6
VIN (V)
Line Regulation, VOUT=3.4V
Iout=0A
Iout=1A
Iout=2A
2.575
2.580
2.585
2.590
2.595
2.600
2.605
2.610
2.615
2
2.5
3
3.5
4
4.5
5
5.5
6
VIN (V)
Line Regulation, VOUT=2.6V
Iout=0A
Iout=1A
Iout=2A
5.090
5.100
5.110
5.120
5.130
5.140
5.150
5.160
5.170
2
2.5
3
3.5
4
4.5
5
5.5
6
VIN (V)
Line Regulation, VOUT=5.14V
Iout=0A
Iout=1A
Iout=2A
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
2
2.5
3
3.5
4
4.5
5
5.5
6
VIN (V)
Shutdown Supply Current
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
-50
-30
-10
10
30
50
70
90
110
Temperature (◦C)
Shutdown Supply Current
PVIN=3.4V
10
15
20
25
30
35
40
45
50
2
2.5
3
3.5
4
4.5
5
5.5
6
VIN (V)
Supply Current (Quiescent), PFM
Switching
No Switching
4
6
8
10
12
14
16
18
20
2
2.5
3
3.5
4
4.5
5
5.5
6
VIN (V)
Supply Current (Quiescent), PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com