Electronic Components Datasheet Search
  English  ▼

X  

AP72202 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AP72202
Description  HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72202 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AP72202 Datasheet HTML 11Page - Diodes Incorporated AP72202 Datasheet HTML 12Page - Diodes Incorporated AP72202 Datasheet HTML 13Page - Diodes Incorporated AP72202 Datasheet HTML 14Page - Diodes Incorporated AP72202 Datasheet HTML 15Page - Diodes Incorporated AP72202 Datasheet HTML 16Page - Diodes Incorporated AP72202 Datasheet HTML 17Page - Diodes Incorporated AP72202 Datasheet HTML 18Page - Diodes Incorporated AP72202 Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
AP72202
Document number: DS46304 Rev. 1 - 2
17 of 30
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AP72202
Application Information
Buck-Boost Power Conversion
When the EN pin goes high, the AP72202 turns on the internal logic circuitries. Once VIN is supplied, then all user registers are accessible through
I2C. When EN is pulled low, the AP72202 enters shutdown mode. This event resets all registers to their default values. The AP72202 can operate
in either buck or boost mode. Refer to the Functional Block Diagram. When the input voltage PVIN is less than output VOUT, Q1 will be on
continuously while Q2 remains off. Q3 and Q4 switch to boost the output up. When the input voltage PVIN is more than output VOUT, Q3 will be on
continuously while Q4 remains off. Q1 and Q2 switch to buck the output down. In the event when operating in conditions where PVIN is close to
VOUT, the AP72202 alternates between buck and boost mode as necessary to provide a regulated output voltage.
Regulator Enable Control
Buck-boost has an enable pin EN as well as I2C enable bit. As shown in the table 1 below, the AP72202 turns on the internal bias circuitry when EN
pin goes high. Once VIO is supplied, all the user registers are accessible through I2C. The address register 0x03 bit 6 is the BB_EN. Change this
bit to 0 will disable the output voltage, while the internal logic circuitries are still active. Pulling EN low will turn off the AP72202 and reset all the
registers to their POR default values.
Table 1. Enable Control Logic Truth Table
H-Bridge Controller
H-bridge architecture operates at 2.5MHz fixed frequency with a pulse-width modulated (PWM), current-mode control scheme. This topology is in a
cascade of a boost regulator and a buck regulator using a single inductor and output capacitor. Buck, buck-boost, and boost stages are 100%
synchronous for highest efficiency in portable applications. Figure 2 shows a simplified diagram of the internal switches, external inductor, and output
capacitor.
Q1
Q2
Q3
Q4
VOUT
PVIN
SW1
SW2
L
COUT
Figure 2. Buck-Boost Diagram
In buck PWM, Switch Q3 is continuously closed and Switch Q4 is continuously open. Switches Q1 and Q2 operate as a synchronous buck converter
when in this condition. In boost PWM, Switch Q1 remains closed and Switch Q2 remains open. Switches Q3 and Q4 operate as a synchronous
boost converter when in this operation. When the input voltage is dropping close to the output voltage such that the duty cycle seen at SW1 is more
than 90%, then the regulator will switch from buck to buck-boost (where cycles will alternate between buck and boost). The AP72202 will rapidly
and smoothly switch from boost-to-buck mode as needed to maintain the regulated output voltage. As the input voltage continues to drop such that
the duty cycle in boost mode is more than 10% seen at SW2, then the regulator switches to all boost operation. This behavior provides excellent
efficiency and very low output-voltage ripple.
EN
BB_EN BIT Operating Condition
LOW
x
Device OFF
HIGH
0
Disable Output
HIGH
1 (Default)
Enable Output
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com