Electronic Components Datasheet Search
  English  ▼

X  

AP72202 Datasheet(PDF) 29 Page - Diodes Incorporated

Part # AP72202
Description  HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72202 Datasheet(HTML) 29 Page - Diodes Incorporated

Back Button AP72202 Datasheet HTML 22Page - Diodes Incorporated AP72202 Datasheet HTML 23Page - Diodes Incorporated AP72202 Datasheet HTML 24Page - Diodes Incorporated AP72202 Datasheet HTML 25Page - Diodes Incorporated AP72202 Datasheet HTML 26Page - Diodes Incorporated AP72202 Datasheet HTML 27Page - Diodes Incorporated AP72202 Datasheet HTML 28Page - Diodes Incorporated AP72202 Datasheet HTML 29Page - Diodes Incorporated AP72202 Datasheet HTML 30Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
AP72202
Document number: DS46304 Rev. 1 - 2
31 of 30
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AP72202
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
W-WLB2118-20
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
W-WLB2118-20
Mechanical Data
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Weight: 0.012 grams (Approximate)
W-WLB2118-20
Dim
Min
Max
Typ
A
0.59
0.69
0.64
A1
0.17
0.21
0.19
A2
0.45 REF
A3
0.012
0.032
0.022
b
0.24
0.30
0.27
D
2.10
2.15
2.125
D1
1.550
1.650
1.600
E
1.725
1.775
1.750
E1
1.150
1.250
1.200
e
0.40 BSC
SD
0.00 BSC
SE
0.20 BSC
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.400
C1
1.600
C2
1.200
D
0.270
Y
0.200
D
E
A1
E1
Ø b
Pin1
Indicator
A
A2
A3
e
SD
D1
SE
C1
C
Y
C2
ØD
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com