Electronic Components Datasheet Search
  English  ▼

X  

AP72202 Datasheet(PDF) 20 Page - Diodes Incorporated

Part # AP72202
Description  HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72202 Datasheet(HTML) 20 Page - Diodes Incorporated

Back Button AP72202 Datasheet HTML 16Page - Diodes Incorporated AP72202 Datasheet HTML 17Page - Diodes Incorporated AP72202 Datasheet HTML 18Page - Diodes Incorporated AP72202 Datasheet HTML 19Page - Diodes Incorporated AP72202 Datasheet HTML 20Page - Diodes Incorporated AP72202 Datasheet HTML 21Page - Diodes Incorporated AP72202 Datasheet HTML 22Page - Diodes Incorporated AP72202 Datasheet HTML 23Page - Diodes Incorporated AP72202 Datasheet HTML 24Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
AP72202
Document number: DS46304 Rev. 1 - 2
22 of 30
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AP72202
Application Information (continued)
Communication Protocols
The AP72202 supports both writing and reading from its registers. The following sections show the I2C communication protocols.
Writing to a Single Register
Figure 7 below shows the protocol for I2C master device to write one byte of data to the AP72202 the write byte protocol is as follows:
1.
The master sends a START condition.
2.
The master sends the 7-bit slave address followed by a write bit (R/nW = 0).
3.
The addressed slave sends an ACK bit by pulling SDA low.
4.
The master sends an 8-bit register pointer.
5.
The slave acknowledges the register pointer.
6.
The master sends a data byte.
7.
The slave acknowledges the data byte.
8.
The next falling edge of SCL loads the data byte into its target register and the data becomes active.
9.
The master sends a STOP condition or a REPEATED START condition.
Figure 7. Writing to a Single Register with Write Byte Protocol
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com