Electronic Components Datasheet Search
  English  ▼

X  

AP72202 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP72202
Description  HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72202 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP72202 Datasheet HTML 12Page - Diodes Incorporated AP72202 Datasheet HTML 13Page - Diodes Incorporated AP72202 Datasheet HTML 14Page - Diodes Incorporated AP72202 Datasheet HTML 15Page - Diodes Incorporated AP72202 Datasheet HTML 16Page - Diodes Incorporated AP72202 Datasheet HTML 17Page - Diodes Incorporated AP72202 Datasheet HTML 18Page - Diodes Incorporated AP72202 Datasheet HTML 19Page - Diodes Incorporated AP72202 Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
AP72202
Document number: DS46304 Rev. 1 - 2
18 of 30
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AP72202
Application Information (continued)
H-Bridge Controller (continued)
The regulator enters PFM as the output load decreases when the valley of the inductor current is less than 0. The zero cross detection will be
activated after 40µs delay before switching the mode from PWM to PFM. During PFM operation in buck mode, Switch Q3 is closed and Switch Q4
is open. Switches Q1 and Q2 operate in discontinuous mode during PFM operation until output voltage is approximately 1.2% upper threshold of
the PFM hysteretic controller. Then all switches are open to allow VOUT to decay until it reaches nominal regulation before switching again. This
operation will reduce switching losses at light load, thus improving efficiency. Likewise, the AP72202 closes Switch Q1 and Switch Q4 to ramp up
the current in the inductor during PFM operation in boost mode. When the inductor current reaches 1A, the device turns OFF Switch Q4, then turns
ON Switch Q3. With Switch Q3 closed, output voltage increases as the inductor current ramps down. When the loading current gets higher, there
will be multiple PFM pulses to charge up the output capacitor. These pulses continue until VOUT has achieved the 1.2% upper threshold of the PFM
hysteretic controller. Switching action then stops until VOUT decays until it reaches normal regulation before switching again. The regulator resumes
normal PWM operation as the output load increases and VOUT drops 2% below the regulation point.
Regulator MODE Control
The AP72202 has a MODE pin as well as I2C enable bit. Connecting MODE pin low sets the regulator to operate in PFM. Tying the MODE to VIN
sets the device in PWM. The MODE pin condition is set during the POR operation of the regulator and can only be overridden by the I2C. In the
address number 0x02, bit 6 and bit 0 are BB_UMODE and BB_FPWM respectively. These two bits can set the mode of operation of PFM, enhanced
ultrasonic, or forced PWM.
When the enhanced ultrasonic is set, this activates a unique pulse-skipping mode with a minimum switching frequency of 20kHz. An ultrasonic pulse
occurs when the regulator detects that no switching has occurred after 37µs. Once triggered, the ultrasonic pulse turns on the switch Q2 (buck mode)
or Q3 (boost mode) for approximately 50ns to induce a negative inductor current. This process continues until FB drops to the regulation point. Then
the regulator waits for the next clock edge to initiate the ON time. The table below is the truth table for the MODE operation found in I2C address
0x02.
BIT6
BIT0
Operating Mode
0
0
PFM
1
0
Ultrasonic Mode
x
1
PWM
Table 2. MODE Control Table
Power-Good (PG) Indicator
Buck-boost has an open-drain output that is actively held low during soft-start period until the output voltage reaches 80%. When the output voltage
is outside of its regulation by -20%, the PG will pull low until the output returns to set value. The PG low to high transition is delayed by 1.5ms while
the falling edge PG is delayed by 3µs to prevent false triggering. The polarity of PG output is programmable thru I2C in address 0x03 bit 4. It is active
high by default.
Overcurrent Protection
The AP72202 has an OCP pin as well as I2C enable bit to adjust the threshold 2.5A or 4.4A. The OCP pin control setting is the condition upon POR
operation of the regulator and can only be overridden by the I2C. The AP72202 detects the current limit on the high side, Q1, to protect the device
against overload or short-circuit conditions. The peak current in the switch is monitored cycle by cycle with comparator delay approximately 100ns
to guard against noise glitches. If the high side Q1 current limit is reached, the high side Q1 is turned off and the low side Q2 is turned on until the
switch current decreases below OC threshold. The frequency is reduced in order to protect the device from damage. The Q1 peak current limit
remains active during this state. After 17 consecutive cycles in OCP event, the regulator enters hiccup mode where all power FETs are turned off
and wait for 15ms before attempt to restart.
Reverse Current Protection
During fixed-frequency operation, a reverse current comparator on switch Q2 monitors the current entering VOUT. When this current exceeds 2A
(typical), switch Q2 will be turned off for the remainder of the switching cycle. This feature protects the buck-boost converter from excessive reverse
current if the buck-boost output is held above the regulation voltage by an external source.
Undervoltage Lockout
The undervoltage lockout (UVLO) feature prevents abnormal operation in the event that the supply voltage is too low to guarantee proper operation.
When the VIN voltage falls below the UVLO threshold, the regulator is disabled.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com