Electronic Components Datasheet Search
  English  ▼

X  

AP72202 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP72202
Description  HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72202 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP72202 Datasheet HTML 7Page - Diodes Incorporated AP72202 Datasheet HTML 8Page - Diodes Incorporated AP72202 Datasheet HTML 9Page - Diodes Incorporated AP72202 Datasheet HTML 10Page - Diodes Incorporated AP72202 Datasheet HTML 11Page - Diodes Incorporated AP72202 Datasheet HTML 12Page - Diodes Incorporated AP72202 Datasheet HTML 13Page - Diodes Incorporated AP72202 Datasheet HTML 14Page - Diodes Incorporated AP72202 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
AP72202
Document number: DS46304 Rev. 1 - 2
11 of 30
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AP72202
Typical Performance Characteristics (continued)
(@TA = +25°C, PVIN = VIN = VIO = 2.3V to 5.5V, VOUT = 3.4V, L = 1µH, unless otherwise specified.)
50
100
150
200
250
300
350
400
450
2
2.5
3
3.5
4
4.5
5
5.5
6
VIN (V)
Supply Current (Quiescent), USM
0
5
10
15
20
25
30
35
40
-50
-30
-10
10
30
50
70
90
110
Temperature (◦C)
Supply Current (Quiescent), PFM
Switching
No Switching
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
-50
-30
-10
10
30
50
70
90
110
Temperature (◦C)
Supply Current (Quiescent), PWM
180
185
190
195
200
205
210
215
220
-50
-30
-10
10
30
50
70
90
110
Temperature (◦C)
Supply Current (Quiescent), USM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com