Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 48 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 48 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 44Page - Silicon Laboratories C8051F360 Datasheet HTML 45Page - Silicon Laboratories C8051F360 Datasheet HTML 46Page - Silicon Laboratories C8051F360 Datasheet HTML 47Page - Silicon Laboratories C8051F360 Datasheet HTML 48Page - Silicon Laboratories C8051F360 Datasheet HTML 49Page - Silicon Laboratories C8051F360 Datasheet HTML 50Page - Silicon Laboratories C8051F360 Datasheet HTML 51Page - Silicon Laboratories C8051F360 Datasheet HTML 52Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
48
Rev. 1.0
5.1.
Analog Multiplexer
AMUX0 selects the positive and negative inputs to the ADC. Any of the following may be selected as the
positive input: the AMUX0 Port I/O inputs, the on-chip temperature sensor, or the positive power supply
(VDD). Any of the following may be selected as the negative input: the AMUX0 Port I/O inputs, VREF, or
GND. When GND is selected as the negative input, ADC0 operates in Single-ended Mode; all other
times, ADC0 operates in Differential Mode. The ADC0 input channels are selected in the AMX0P and
AMX0N registers as described in SFR Definition 5.1 and SFR Definition 5.2.
The conversion code format differs between Single-ended and Differential modes. The registers ADC0H
and ADC0L contain the high and low bytes of the output conversion code from the ADC at the completion
of each conversion. Data can be right-justified or left-justified, depending on the setting of the AD0LJST bit
(ADC0CN.0). When in Single-ended Mode, conversion codes are represented as 10-bit unsigned integers.
Inputs are measured from ‘0’ to VREF * 1023/1024. Example codes are shown below for both right-justified
and left-justified data. Unused bits in the ADC0H and ADC0L registers are set to ‘0’.
When in Differential Mode, conversion codes are represented as 10-bit signed 2’s complement numbers.
Inputs are measured from -VREF to VREF * 511/512. Example codes are shown below for both right-justi-
fied and left-justified data. For right-justified data, the unused MSBs of ADC0H are a sign-extension of the
data word. For left-justified data, the unused LSBs in the ADC0L register are set to ‘0’.
Important Note About ADC0 Input Configuration: Port pins selected as ADC0 inputs should be config-
ured as analog inputs, and should be skipped by the Digital Crossbar. To configure a Port pin for analog
input, set to ‘0’ the corresponding bit in register PnMDIN (for n = 0,1,2,3). To force the Crossbar to skip a
Port pin, set to ‘1’ the corresponding bit in register PnSKIP (for n = 0,1,2,3). See Section “17. Port Input/
Output” on page 183 for more Port I/O configuration details.
Input Voltage
Right-Justified ADC0H:ADC0L
(AD0LJST = 0)
Left-Justified ADC0H:ADC0L
(AD0LJST = 1)
VREF x 1023/1024
0x03FF
0xFFC0
VREF x 512/1024
0x0200
0x8000
VREF x 256/1024
0x0100
0x4000
0
0x0000
0x0000
Input Voltage
Right-Justified ADC0H:ADC0L
(AD0LJST = 0)
Left-Justified ADC0H:ADC0L
(AD0LJST = 1)
VREF x 511/512
0x01FF
0x7FC0
VREF x 256/512
0x0100
0x4000
0
0x0000
0x0000
–VREF x 256/512
0xFF00
0xC000
–VREF
0xFE00
0x8000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com