Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 98 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 98 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 94Page - Silicon Laboratories C8051F360 Datasheet HTML 95Page - Silicon Laboratories C8051F360 Datasheet HTML 96Page - Silicon Laboratories C8051F360 Datasheet HTML 97Page - Silicon Laboratories C8051F360 Datasheet HTML 98Page - Silicon Laboratories C8051F360 Datasheet HTML 99Page - Silicon Laboratories C8051F360 Datasheet HTML 100Page - Silicon Laboratories C8051F360 Datasheet HTML 101Page - Silicon Laboratories C8051F360 Datasheet HTML 102Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
98
Rev. 1.0
EMI0CF
0xC7
F
EMIF Configuration
page 1562
EMI0CN
0xAA
All Pages EMIF Control
page 1552
EMI0TC
0xF7
F
EMIF Timing Control
page 1612
FLKEY
0xB7
0
Flash Lock and Key
page 142
FLSCL
0xB6
0
Flash Scale
page 143
FLSTAT
0xAC
F
Flash Status
page 152
IDA0CN
0xB9
All Pages IDAC0 Control
page 651
IDA0H
0x97
All Pages IDAC0 High Byte
page 651
IDA0L
0x96
All Pages IDAC0 Low Byte
page 661
IE
0xA8
All Pages Interrupt Enable
page 110
IP
0xB8
All Pages Interrupt Priority
page 111
IT01CF
0xE4
All Pages INT0/INT1 Configuration
page 116
MAC0ACC0
0xD2
0
MAC0 Accumulator Byte 0 (LSB)
page 126
MAC0ACC1
0xD3
0
MAC0 Accumulator Byte 1
page 125
MAC0ACC2
0xD4
0
MAC0 Accumulator Byte 2
page 125
MAC0ACC3
0xD5
0
MAC0 Accumulator Byte 3 (MSB)
page 125
MAC0AH
0xA5
0
MAC0 A Register High Byte
page 123
MAC0AL
0xA4
0
MAC0 A Register Low Byte
page 124
MAC0BH
0xF2
0
MAC0 B Register High Byte
page 124
MAC0BL
0xF1
0
MAC0 B Register Low Byte
page 124
MAC0CF
0xD7
0
MAC0 Configuration
page 122
MAC0OVR
0xD6
0
MAC0 Accumulator Overflow
page 126
MAC0RNDH
0xAF
0
MAC0 Rounding Register High Byte
page 126
MAC0RNDL
0xAE
0
MAC0 Rounding Register Low Byte
page 127
MAC0STA
0xCF
0
MAC0 Status Register
page 123
OSCICL
0xBF
F
Internal Oscillator Calibration
page 170
OSCICN
0xB7
F
Internal Oscillator Control
page 171
OSCLCN
0xAD
F
Internal L-F Oscillator Control
page 172
OSCXCN
0xB6
F
External Oscillator Control
page 175
P0
0x80
All Pages Port 0 Latch
page 190
P0MASK
0xF4
0
Port 0 Mask
page 192
Table 9.3. Special Function Registers (Continued)
SFRs are listed in alphabetical order. All undefined SFR locations are reserved.
Register
Address
SFR
Page
Description
Page No.
Notes:
1. Refers to a register in the C8051F360/1/2/6/7/8/9 only.
2. Refers to a register in the C8051F360/3 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com