Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 27 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 27 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 23Page - Silicon Laboratories C8051F360 Datasheet HTML 24Page - Silicon Laboratories C8051F360 Datasheet HTML 25Page - Silicon Laboratories C8051F360 Datasheet HTML 26Page - Silicon Laboratories C8051F360 Datasheet HTML 27Page - Silicon Laboratories C8051F360 Datasheet HTML 28Page - Silicon Laboratories C8051F360 Datasheet HTML 29Page - Silicon Laboratories C8051F360 Datasheet HTML 30Page - Silicon Laboratories C8051F360 Datasheet HTML 31Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 288 page
background image
Rev. 1.0
27
C8051F360/1/2/3/4/5/6/7/8/9
real-time clock functionality, where the PCA is clocked by an external source while the internal oscillator
drives the system clock.
Each capture/compare module can be configured to operate in one of six modes: Edge-Triggered Capture,
Software Timer, High Speed Output, 8- or 16-bit Pulse Width Modulator, or Frequency Output. Additionally,
Capture/Compare Module 5 offers watchdog timer (WDT) capabilities. Following a system reset, Module 5
is configured and enabled in WDT mode. The PCA Capture/Compare Module I/O and External Clock Input
may be routed to Port I/O via the Digital Crossbar.
Capture/Compare
Module 1
Capture/Compare
Module 0
Capture/Compare
Module 2
Capture/Compare
Module 3
Crossbar
Port I/O
16-Bit Counter/Timer
PCA
CLOCK
MUX
SYSCLK/12
SYSCLK/4
Timer 0 Overflow
ECI
SYSCLK
External Clock/8
Capture/Compare
Module 4
Capture/Compare
Module 5
Figure 1.10. PCA Block Diagram
1.7.
10-Bit Analog to Digital Converter
The C8051F360/1/2/6/7/8/9 devices include an on-chip 10-bit SAR ADC with up to 21 channels for the dif-
ferential input multiplexer. With a maximum throughput of 200 ksps, the ADC offers true 10-bit linearity with
an INL and DNL of ±1 LSB. The ADC system includes a configurable analog multiplexer that selects both
positive and negative ADC inputs. Ports1-3 are available as an ADC inputs; additionally, the on-chip Tem-
perature Sensor output and the power supply voltage (VDD) are available as ADC inputs. User firmware
may shut down the ADC to save power.
Conversions can be started in six ways: a software command, an overflow of Timer 0, 1, 2, or 3, or an
external convert start signal (CNVSTR). This flexibility allows the start of conversion to be triggered by soft-
ware events, a periodic signal (timer overflows), or external HW signals. Conversion completions are indi-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com