Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 61 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 61 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 57Page - Silicon Laboratories C8051F360 Datasheet HTML 58Page - Silicon Laboratories C8051F360 Datasheet HTML 59Page - Silicon Laboratories C8051F360 Datasheet HTML 60Page - Silicon Laboratories C8051F360 Datasheet HTML 61Page - Silicon Laboratories C8051F360 Datasheet HTML 62Page - Silicon Laboratories C8051F360 Datasheet HTML 63Page - Silicon Laboratories C8051F360 Datasheet HTML 64Page - Silicon Laboratories C8051F360 Datasheet HTML 65Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 288 page
background image
Rev. 1.0
61
C8051F360/1/2/3/4/5/6/7/8/9
5.4.2. Window Detector In Differential Mode
Figure 5.8 shows two example window comparisons for right-justified, differential data, with
ADC0LTH:ADC0LTL = 0x0040 (+64d) and ADC0GTH:ADC0GTH = 0xFFFF (-1d). In differential mode, the
measurable voltage between the input pins is between -VREF and VREF*(511/512). Output codes are rep-
resented as 10-bit 2’s complement signed integers. In the left example, an AD0WINT interrupt will be gen-
erated if the ADC0 conversion word (ADC0H:ADC0L) is within the range defined by ADC0GTH:ADC0GTL
and ADC0LTH:ADC0LTL (if 0xFFFF (-1d) < ADC0H:ADC0L < 0x0040 (64d)). In the right example, an
AD0WINT interrupt will be generated if the ADC0 conversion word is outside of the range defined by the
ADC0GT and ADC0LT registers (if ADC0H:ADC0L < 0xFFFF (-1d) or ADC0H:ADC0L > 0x0040 (+64d)).
Figure 5.9 shows an example using left-justified data with the same comparison values.
0x01FF
0x0041
0x0040
0x003F
0x0000
0xFFFF
0xFFFE
0x0200
-VREF
Input Voltage
(Px.x - Px.x)
VREF x (511/512)
VREF x (64/512)
VREF x (-1/512)
0x01FF
0x0041
0x0040
0x003F
0x0000
0xFFFF
0xFFFE
0x0200
-VREF
Input Voltage
(Px.x - Px.x)
VREF x (511/512)
VREF x (64/512)
VREF x (-1/512)
AD0WINT=1
AD0WINT
not affected
AD0WINT
not affected
ADC0LTH:ADC0LTL
ADC0GTH:ADC0GTL
AD0WINT
not affected
AD0WINT=1
AD0WINT=1
ADC0H:ADC0L
ADC0H:ADC0L
ADC0GTH:ADC0GTL
ADC0LTH:ADC0LTL
0x7FC0
0x1040
0x1000
0x0FC0
0x0000
0xFFC0
0xFF80
0x8000
-VREF
Input Voltage
(Px.x - Px.y)
VREF x (511/512)
VREF x (64/512)
VREF x (-1/512)
0x7FC0
0x1040
0x1000
0x0FC0
0x0000
0xFFC0
0xFF80
0x8000
-VREF
Input Voltage
(Px.x - Px.x)
VREF x (511/512)
VREF x (64/512)
VREF x (-1/512)
AD0WINT=1
AD0WINT
not affected
AD0WINT
not affected
ADC0LTH:ADC0LTL
ADC0GTH:ADC0GTL
AD0WINT
not affected
ADC0GTH:ADC0GTL
AD0WINT=1
AD0WINT=1
ADC0H:ADC0L
ADC0H:ADC0L
ADC0LTH:ADC0LTL
Figure 5.8. ADC Window Compare Example: Right-Justified Differential Data
Figure 5.9. ADC Window Compare Example: Left-Justified Differential Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com