Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 63 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 63 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 59Page - Silicon Laboratories C8051F360 Datasheet HTML 60Page - Silicon Laboratories C8051F360 Datasheet HTML 61Page - Silicon Laboratories C8051F360 Datasheet HTML 62Page - Silicon Laboratories C8051F360 Datasheet HTML 63Page - Silicon Laboratories C8051F360 Datasheet HTML 64Page - Silicon Laboratories C8051F360 Datasheet HTML 65Page - Silicon Laboratories C8051F360 Datasheet HTML 66Page - Silicon Laboratories C8051F360 Datasheet HTML 67Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 288 page
background image
Rev. 1.0
63
C8051F360/1/2/3/4/5/6/7/8/9
6. 10-Bit Current Mode DAC (IDA0, C8051F360/1/2/6/7/8/9)
The C8051F360/1/2/6/7/8/9 devices include a 10-bit current-mode Digital-to-Analog Converter (IDAC).
The maximum current output of the IDAC can be adjusted for three different current settings; 0.5 mA,
1 mA, and 2 mA. The IDAC is enabled or disabled with the IDA0EN bit in the IDA0 Control Register (see
SFR Definition 6.1). When IDA0EN is set to ‘0’, the IDAC port pin (P0.4 for C8051F360, P0.1 for
C8051F361/2/6/7/8/9) behaves as a normal GPIO pin. When IDA0EN is set to ‘1’, the digital output drivers
and weak pullup for the IDAC pin are automatically disabled, and the pin is connected to the IDAC output.
An internal bandgap bias generator is used to generate a reference current for the IDAC whenever it is
enabled. When using the IDAC, the appropriate bit in the P0SKIP register should be set to ‘1’ to force the
Crossbar to skip the IDAC pin.
6.1.
IDA0 Output Scheduling
IDA0 features a flexible output update mechanism which allows for seamless full-scale changes and sup-
ports jitter-free updates for waveform generation. Three update modes are provided, allowing IDAC output
updates on a write to IDA0H, on a Timer overflow, or on an external pin edge.
6.1.1. Update Output On-Demand
In its default mode (IDA0CN.[6:4] = ‘111’) the IDA0 output is updated “on-demand” on a write to the high-
byte of the IDA0 data register (IDA0H). It is important to note that writes to IDA0L are held in this mode,
and have no effect on the IDA0 output until a write to IDA0H takes place. If writing a full 10-bit word to the
IDAC data registers, the 10-bit data word is written to the low byte (IDA0L) and high byte (IDA0H) data reg-
isters. Data is latched into IDA0 after a write to the IDA0H register, so the write sequence should be
IDA0L followed by IDA0H if the full 10-bit resolution is required. The IDAC can be used in 8-bit mode by
initializing IDA0L to the desired value (typically 0x00), and writing data to only IDA0H (see Section 6.2 for
information on the format of the 10-bit IDAC data word within the 16-bit SFR space).
IDA0
10
IDA0
IDA0EN
IDA0CM2
IDA0CM1
IDA0CM0
IDA0OMD1
IDA0OMD0
8
2
Figure 6.1. IDA0 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com