Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 75 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 75 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 71Page - Silicon Laboratories C8051F360 Datasheet HTML 72Page - Silicon Laboratories C8051F360 Datasheet HTML 73Page - Silicon Laboratories C8051F360 Datasheet HTML 74Page - Silicon Laboratories C8051F360 Datasheet HTML 75Page - Silicon Laboratories C8051F360 Datasheet HTML 76Page - Silicon Laboratories C8051F360 Datasheet HTML 77Page - Silicon Laboratories C8051F360 Datasheet HTML 78Page - Silicon Laboratories C8051F360 Datasheet HTML 79Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 288 page
background image
Rev. 1.0
75
C8051F360/1/2/3/4/5/6/7/8/9
SFR Definition 8.3. CPT0MD: Comparator0 Mode Selection
Bits 7–6: UNUSED. Read = 00b, Write = don’t care.
Bit 5:
CP0RIE: Comparator0 Rising-Edge Interrupt Enable.
0: Comparator0 Rising-edge interrupt disabled.
1: Comparator0 Rising-edge interrupt enabled.
Bit 4:
CP0FIE: Comparator0 Falling-Edge Interrupt Enable.
0: Comparator0 Falling-edge interrupt disabled.
1: Comparator0 Falling-edge interrupt enabled.
Bits 3–2: UNUSED. Read = 00b, Write = don’t care.
Bits 1–0: CP0MD1–CP0MD0: Comparator0 Mode Select
These bits select the response time for Comparator0.
SFR Page:
SFR Address:
all pages
0x9D
R
R
R/W
R/W
R
R
R/W
R/W
Reset Value
––
CP0RIE
CP0FIE
––
CP0MD1 CP0MD0 00000010
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Mode
CP0MD1 CP0MD0
CP0 Response Time (TYP)
000
100 ns
101
175 ns
210
320 ns
3
1
1
1050 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com