Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 26 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 26 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 22Page - Silicon Laboratories C8051F360 Datasheet HTML 23Page - Silicon Laboratories C8051F360 Datasheet HTML 24Page - Silicon Laboratories C8051F360 Datasheet HTML 25Page - Silicon Laboratories C8051F360 Datasheet HTML 26Page - Silicon Laboratories C8051F360 Datasheet HTML 27Page - Silicon Laboratories C8051F360 Datasheet HTML 28Page - Silicon Laboratories C8051F360 Datasheet HTML 29Page - Silicon Laboratories C8051F360 Datasheet HTML 30Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
26
Rev. 1.0
The Digital Crossbar allows mapping of internal digital system resources to Port I/O pins. (See Figure 1.8.)
On-chip counter/timers, serial buses, HW interrupts, comparator output, and other digital signals in the
controller can be configured to appear on the Port I/O pins specified in the Crossbar Control registers. This
allows the user to select the exact mix of general purpose Port I/O and digital resources needed for the
particular application.
XBR0, XBR1,
PnSKIP Registers
Digital
Crossbar
Priority
Decoder
2
P0
I/O
Cells
P0.0
P0.7
8
P0MASK, P0MATCH
P1MASK, P1MATCH,
P2MASK, P2MATCH
Registers
UART
Highest
Priority
Lowest
Priority
SYSCLK
2
SMBus
T0, T1
2
7
PCA
4
CP0
CP1
Outputs
SPI
4
P0
(P0.0-P0.7)
(P1.0-P1.7)
8
8
P1
P2
(P2.0-P2.7)
8
PnMDOUT,
PnMDIN Registers
3.5–3.7 available on
C8051F360/3
P3
(P3.0-P3.7)
8
P1
I/O
Cells
P1.0
P1.7
8
P2
I/O
Cell
8
P2.0
P2.7
P3
I/O
Cells
P3.0
P3.7
8
3.1–3.4 available on
C8051F360/1/3/4/6/8
Figure 1.8. Digital Crossbar Diagram (Port 0 to Port 3)
1.5.
Serial Ports
The C8051F36x Family includes an SMBus/I2C interface, a full-duplex UART with enhanced baud rate
configuration, and an Enhanced SPI interface. Each of the serial buses is fully implemented in hardware
and makes extensive use of the CIP-51's interrupts, thus requiring very little CPU intervention.
1.6.
Programmable Counter Array
An on-chip Programmable Counter/Timer Array (PCA) is included in addition to the four 16-bit general pur-
pose counter/timers. The PCA consists of a dedicated 16-bit counter/timer time base with three program-
mable capture/compare modules. The PCA clock is derived from one of six sources: the system clock
divided by 12, the system clock divided by 4, Timer 0 overflows, an External Clock Input (ECI), the system
clock, or the external oscillator clock source divided by 8. The external clock source selection is useful for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com