Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 53 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 53 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 49Page - Silicon Laboratories C8051F360 Datasheet HTML 50Page - Silicon Laboratories C8051F360 Datasheet HTML 51Page - Silicon Laboratories C8051F360 Datasheet HTML 52Page - Silicon Laboratories C8051F360 Datasheet HTML 53Page - Silicon Laboratories C8051F360 Datasheet HTML 54Page - Silicon Laboratories C8051F360 Datasheet HTML 55Page - Silicon Laboratories C8051F360 Datasheet HTML 56Page - Silicon Laboratories C8051F360 Datasheet HTML 57Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 288 page
background image
Rev. 1.0
53
C8051F360/1/2/3/4/5/6/7/8/9
5.3.3. Settling Time Requirements
When the ADC0 input configuration is changed (i.e., a different AMUX0 selection is made), a minimum
tracking time is required before an accurate conversion can be performed. This tracking time is determined
by the AMUX0 resistance, the ADC0 sampling capacitance, any external source resistance, and the accu-
racy required for the conversion. In low-power tracking mode, three SAR clocks are used for tracking at the
start of every conversion. For most applications, these three SAR clocks will meet the minimum tracking
time requirements.
Figure 5.5 shows the equivalent ADC0 input circuits for both Differential and Single-ended modes. Notice
that the equivalent time constant for both input circuits is the same. The required ADC0 settling time for a
given settling accuracy (SA) may be approximated by Equation 5.1. When measuring the Temperature
Sensor output or VDD with respect to GND, RTOTAL reduces to RMUX. See Table 5.1 for ADC0 minimum
settling time requirements.
Equation 5.1. ADC0 Settling Time Requirements
t
2
n
SA
-------
⎝⎠
⎛⎞ R
TOTALCSAMPLE
×
ln
=
Where:
SA is the settling accuracy, given as a fraction of an LSB (for example, 0.25 to settle within 1/4 LSB)
t is the required settling time in seconds
RTOTAL is the sum of the AMUX0 resistance and any external source resistance.
n is the ADC resolution in bits (10).
R
MUX = 5k
RC
Input= RMUX * CSAMPLE
R
MUX = 5k
C
SAMPLE = 5pF
C
SAMPLE = 5pF
MUX Select
MUX Select
Differential Mode
Px.x
Px.x
R
MUX = 5k
C
SAMPLE = 5pF
RC
Input= RMUX * CSAMPLE
MUX Select
Single-Ended Mode
Px.x
Figure 5.5. ADC0 Equivalent Input Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com