| Electronic Components Datasheet Search |
|
C8051F360 Datasheet(PDF) 70 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
C8051F360 Datasheet(HTML) 70 Page - Silicon Laboratories |
|
70 / 288 page ![]() C8051F360/1/2/3/4/5/6/7/8/9 70 Rev. 1.0 8. Comparators C8051F36x devices include two on-chip programmable voltage comparators, Comparator0 and Comparator1, shown in Figure 8.1 and Figure 8.2 (Note: the port pin Comparator inputs differ between C8051F36x devices. The first Port I/O pin shown is for C8051F360/3 devices). The comparators offer programmable response time and hysteresis, an analog input multiplexer, and two outputs that are optionally available at the Port pins: a synchronous “latched” output (CP0 and CP1), or an asynchronous “raw” output (CP0A and CP1A). The asynchronous CP0A and CP1A signals are available even when the system clock is not active. This allows the Comparators to operate and generate an output with the device in STOP mode. When assigned to a Port pin, the Comparator outputs may be configured as open drain or push-pull (see Section “17.2. Port I/O Initialization” on page 187). Comparator0 may also be used as a reset source (see Section “12.5. Comparator0 Reset” on page 131). The Comparator inputs are selected in the CPT0MX and CPT1MX registers (SFR Definition 8.2 and SFR Definition 8.5). The CMXnP1–CMXnP0 bits select the Comparator positive input; the CMXnN1–CMXnN0 bits select the Comparator negative input. Important Note About Comparator Inputs: The Port pins selected as comparator inputs should be con- figured as analog inputs in their associated Port configuration register, and configured to be skipped by the Crossbar (for details on Port configuration, see Section “17.3. General Purpose Port I/O” on page 190). VDD Reset Decision Tree + - Crossbar Q Q SET CLR D Q Q SET CLR D (SYNCHRONIZER) GND CP0 + CP0 - CP0EN CP0OUT CP0RIF CP0FIF CP0HYP1 CP0HYP0 CP0HYN1 CP0HYN0 CMX0N3 CMX0N2 CMX0N1 CMX0N0 CMX0P1 CMX0P0 CP0RIE CP0FIE CP0MD1 CP0MD0 CP0 CP0A CP0 Interrupt 0 1 0 1 CP0RIF CP0FIF 0 1 CP0EN 0 1 EA P1.5 / P1.1 P2.4 / P1.5 P3.2 / P2.1 P3.6 / P2.5 P1.4 / P1.0 P2.3 / P1.4 P3.1 / P2.0 P3.5 / P2.4 Figure 8.1. Comparator0 Functional Block Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |