Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 72 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 72 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 68Page - Silicon Laboratories C8051F360 Datasheet HTML 69Page - Silicon Laboratories C8051F360 Datasheet HTML 70Page - Silicon Laboratories C8051F360 Datasheet HTML 71Page - Silicon Laboratories C8051F360 Datasheet HTML 72Page - Silicon Laboratories C8051F360 Datasheet HTML 73Page - Silicon Laboratories C8051F360 Datasheet HTML 74Page - Silicon Laboratories C8051F360 Datasheet HTML 75Page - Silicon Laboratories C8051F360 Datasheet HTML 76Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 288 page
background image
Positive Hysteresis Voltage
(Programmed with CP0HYP Bits)
Negative Hysteresis Voltage
(Programmed by CP0HYN Bits)
VIN-
VIN+
INPUTS
CIRCUIT CONFIGURATION
+
_
CP0+
CP0-
CP0
VIN+
VIN-
OUT
VOH
Positive Hysteresis
Disabled
Maximum
Positive Hysteresis
Negative Hysteresis
Disabled
Maximum
Negative Hysteresis
OUTPUT
VOL
C8051F360/1/2/3/4/5/6/7/8/9
72
Rev. 1.0
Figure 8.3. Comparator Hysteresis Plot
The Comparator hysteresis is software-programmable via the Comparator Control registers CPT0CN and
CPT1CN. The user can program both the amount of hysteresis voltage (referred to the input voltage) and
the positive and negative-going symmetry of this hysteresis around the threshold voltage.
The Comparator hysteresis is programmed using Bits3–0 in the Comparator Control registers CPT0CN
and CPT1CN (shown in SFR Definition 8.1 and SFR Definition 8.4). The amount of negative hysteresis
voltage is determined by the settings of the CP0HYN and CP1HYN bits. As shown in Figure 8.3, settings of
20, 10 or 5 mV of negative hysteresis can be programmed, or negative hysteresis can be disabled. In a
similar way, the amount of positive hysteresis is determined by the setting the CP0HYP and CP1HYP bits.
Comparator interrupts can be generated on both rising-edge and falling-edge output transitions. (For Inter-
rupt enable and priority control, see Section “10. Interrupt Handler” on page 107). The CP0FIF or CP1FIF
flag is set to logic ‘1’ upon a Comparator falling-edge occurrence, and the CP0RIF or CP1RIF flag is set to
logic ‘1’ upon the Comparator rising-edge occurrence. Once set, these bits remain set until cleared by soft-
ware. The Comparator rising-edge interrupt mask is enabled by setting CP0RIE or CP1RIE to a logic ‘1’.
The Comparator falling-edge interrupt mask is enabled by setting CP0FIE or CP1FIE to a logic ‘1’.
The output state of the Comparator can be obtained at any time by reading the CP0OUT or CP1OUT bit.
The Comparator is enabled by setting the CP0EN or CP1EN bit to logic ‘1’, and is disabled by clearing this
bit to logic ‘0’.
Note that false rising edges and falling edges can be detected when the comparator is first powered on or
if changes are made to the hysteresis or response time control bits. Therefore, it is recommended that the
rising-edge and falling-edge flags be explicitly cleared to logic ‘0’ a short time after the comparator is
enabled or its mode bits have been changed. This Power Up Time is specified in Table 8.1 on page 79.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com