Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 60 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 60 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 56Page - Silicon Laboratories C8051F360 Datasheet HTML 57Page - Silicon Laboratories C8051F360 Datasheet HTML 58Page - Silicon Laboratories C8051F360 Datasheet HTML 59Page - Silicon Laboratories C8051F360 Datasheet HTML 60Page - Silicon Laboratories C8051F360 Datasheet HTML 61Page - Silicon Laboratories C8051F360 Datasheet HTML 62Page - Silicon Laboratories C8051F360 Datasheet HTML 63Page - Silicon Laboratories C8051F360 Datasheet HTML 64Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
60
Rev. 1.0
5.4.1. Window Detector In Single-Ended Mode
Figure 5.6 shows two example window comparisons for right-justified, single-ended data, with
ADC0LTH:ADC0LTL = 0x0080 (128d) and ADC0GTH:ADC0GTL = 0x0040 (64d). In single-ended mode,
the input voltage can range from ‘0’ to VREF x (1023/1024) with respect to GND, and is represented by a
10-bit unsigned integer value. In the left example, an AD0WINT interrupt will be generated if the ADC0
conversion word (ADC0H:ADC0L) is within the range defined by ADC0GTH:ADC0GTL and
ADC0LTH:ADC0LTL (if 0x0040 < ADC0H:ADC0L < 0x0080). In the right example, and AD0WINT interrupt
will be generated if the ADC0 conversion word is outside of the range defined by the ADC0GT and
ADC0LT registers (if ADC0H:ADC0L < 0x0040 or ADC0H:ADC0L > 0x0080). Figure 5.7 shows an exam-
ple using left-justified data with the same comparison values.
0x03FF
0x0081
0x0080
0x007F
0x0041
0x0040
0x003F
0x0000
0
Input Voltage
(Px.x - GND)
VREF x (1023/1024)
VREF x (128/1024)
VREF x (64/1024)
AD0WINT=1
AD0WINT
not affected
AD0WINT
not affected
ADC0LTH:ADC0LTL
ADC0GTH:ADC0GTL
0x03FF
0x0081
0x0080
0x007F
0x0041
0x0040
0x003F
0x0000
0
Input Voltage
(Px.x - GND)
VREF x (1023/1024)
VREF x (128/1024)
VREF x (64/1024)
AD0WINT
not affected
AD0WINT=1
AD0WINT=1
ADC0H:ADC0L
ADC0H:ADC0L
ADC0GTH:ADC0GTL
ADC0LTH:ADC0LTL
0xFFC0
0x2040
0x2000
0x1FC0
0x1040
0x1000
0x0FC0
0x0000
0
Input Voltage
(Px.x - GND)
VREF x (1023/1024)
VREF x (128/1024)
VREF x (64/1024)
AD0WINT=1
AD0WINT
not affected
AD0WINT
not affected
ADC0LTH:ADC0LTL
ADC0GTH:ADC0GTL
0xFFC0
0x2040
0x2000
0x1FC0
0x1040
0x1000
0x0FC0
0x0000
0
Input Voltage
(Px.x - GND)
VREF x (1023/1024)
VREF x (128/1024)
VREF x (64/1024)
AD0WINT
not affected
AD0WINT=1
AD0WINT=1
ADC0H:ADC0L
ADC0H:ADC0L
ADC0LTH:ADC0LTL
ADC0GTH:ADC0GTL
Figure 5.6. ADC Window Compare Example: Right-Justified Single-Ended Data
Figure 5.7. ADC Window Compare Example: Left-Justified Single-Ended Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com