Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 77 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 77 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 73Page - Silicon Laboratories C8051F360 Datasheet HTML 74Page - Silicon Laboratories C8051F360 Datasheet HTML 75Page - Silicon Laboratories C8051F360 Datasheet HTML 76Page - Silicon Laboratories C8051F360 Datasheet HTML 77Page - Silicon Laboratories C8051F360 Datasheet HTML 78Page - Silicon Laboratories C8051F360 Datasheet HTML 79Page - Silicon Laboratories C8051F360 Datasheet HTML 80Page - Silicon Laboratories C8051F360 Datasheet HTML 81Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 288 page
background image
Rev. 1.0
77
C8051F360/1/2/3/4/5/6/7/8/9
SFR Definition 8.5. CPT1MX: Comparator1 MUX Selection
Bits 7–6: UNUSED. Read = 11b, Write = don’t care.
Bits 5–4: CMX1N1–CMX1N0: Comparator1 Negative Input MUX Select.
These bits select which Port pin is used as the Comparator1 negative input.
Bits 3–2: UNUSED. Read = 11b, Write = don’t care.
Bits 1–0: CMX1P1–CMX1P0: Comparator1 Positive Input MUX Select.
These bits select which Port pin is used as the Comparator1 positive input.
SFR Page:
SFR Address:
all pages
0x9E
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
––
CMX1N1 CMX1N0
––
CMX1P1 CMX1P0
11111111
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
CMX1N1 CMX1N0
C8051F360/3
C8051F361/2/4/5/6/7/8/9
Negative Input
Negative Input
0
0
P2.1
P1.3
0
1
P2.6
P1.7
1
0
P3.4
P2.3
1
1
P4.0
P2.7
CMX1P1 CMX1P0
C8051F360/3
C8051F361/2/4/5/6/7/8/9
Positive Input
Positive Input
00
P2.0
P1.2
01
P2.5
P1.6
10
P3.3
P2.2
11
P3.7
P2.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com