Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 96 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 96 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 92Page - Silicon Laboratories C8051F360 Datasheet HTML 93Page - Silicon Laboratories C8051F360 Datasheet HTML 94Page - Silicon Laboratories C8051F360 Datasheet HTML 95Page - Silicon Laboratories C8051F360 Datasheet HTML 96Page - Silicon Laboratories C8051F360 Datasheet HTML 97Page - Silicon Laboratories C8051F360 Datasheet HTML 98Page - Silicon Laboratories C8051F360 Datasheet HTML 99Page - Silicon Laboratories C8051F360 Datasheet HTML 100Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
96
Rev. 1.0
Table 9.2. Special Function Register (SFR) Memory Map
0(8)
1(9)
2(A)
3(B)
4(C)
5(D)
6(E)
7(F)
F8
0
F
SPI0CN
PCA0L
PCA0H
PCA0CPL0 PCA0CPH0 PCA0CPL4 PCA0CPH4
VDM0CN
F0
0
F
BMAC0BL
P0MDIN
MAC0BH
P1MDIN
P0MAT
P2MDIN
P0MASK
P3MDIN
PCA0CPL5 PCA0CPH5
-
EMI0TC
E8 0
F
ADC0CN
PCA0CPL1 PCA0CPH1 PCA0CPL2 PCA0CPH2 PCA0CPL3 PCA0CPH3
RSTSRC
E0 0
F
ACC
P1MAT
XBR0
P1MASK
XBR1
-
-
IT01CF
-
SFR0CN
EIE1
EIE2
D8 0
F
PCA0CN
PCA0MD
PCA0CPM0 PCA0CPM1 PCA0CPM2 PCA0CPM3 PCA0CPM4 PCA0CPM5
D0 0
F
PSW
REF0CN
MAC0ACC0
CCH0LC
MAC0ACC1
CCH0MA
MAC0ACC2
P0SKIP
MAC0ACC3
P1SKIP
MAC0OVR
P2SKIP
MAC0CF
P3SKIP
C8 0
F
TMR2CN
-
CCH0TN
TMR2RLL
TMR2RLH
TMR2L
TMR2H
-
EIP1
MAC0STA
EIP2
C0 0
F
SMB0CN
SMB0CF
SMB0DAT
ADC0GTL
ADC0GTH
ADC0LTL
ADC0LTH
-
EMI0CF
B8 0
F
IP
IDA0CN
AMX0N
AMX0P
ADC0CF
ADC0L
ADC0H
-
OSCICL
B0 0
F
P3
P2MAT
PLL0MUL
P2MASK
PLL0FLT
-
PLL0CN
-
-
P4
FLSCL
OSCXCN
FLKEY
OSCICN
A8 0
F
IE
-
PLL0DIV
EMI0CN
-
-
-
FLSTAT
-
OSCLCN
MAC0RNDL
P4MDOUT
MAC0RNDH
P3MDOUT
A0 0
F
P2
SPI0CFG
SPI0CKR
SPI0DAT
MAC0AL
P0MDOUT
MAC0AH
P1MDOUT
-
P2MDOUT
SFRPAGE
98
0
F
SCON0
SBUF0
CPT1CN
CPT0CN
CPT1MD
CPT0MD
CPT1MX
CPT0MX
90
0
F
P1
TMR3CN
TMR3RLL
TMR3RLH
TMR3L
TMR3H
IDA0L
IDA0H
88
0
F
TCON
TMOD
TL0
TL1
TH0
TH1
CKCON
PSCTL
CLKSEL
80
0
F
P0
SP
DPL
DPH
-
CCH0CN
SFRNEXT
SFRLAST
PCON
0(8)
1(9)
2(A)
3(B)
4(C)
5(D)
6(E)
7(F)
bit-addressable
shaded SFRs are accessible on all SFR Pages regardless of the contents of SFRPAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com