Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 67 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 67 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 63Page - Silicon Laboratories C8051F360 Datasheet HTML 64Page - Silicon Laboratories C8051F360 Datasheet HTML 65Page - Silicon Laboratories C8051F360 Datasheet HTML 66Page - Silicon Laboratories C8051F360 Datasheet HTML 67Page - Silicon Laboratories C8051F360 Datasheet HTML 68Page - Silicon Laboratories C8051F360 Datasheet HTML 69Page - Silicon Laboratories C8051F360 Datasheet HTML 70Page - Silicon Laboratories C8051F360 Datasheet HTML 71Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 288 page
background image
Rev. 1.0
67
C8051F360/1/2/3/4/5/6/7/8/9
7. Voltage Reference (C8051F360/1/2/6/7/8/9)
The Voltage reference MUX on the C8051F360/1/2/6/7/8/9 devices is configurable to use an externally
connected voltage reference, the internal reference voltage generator, or the VDD power supply voltage
(see Figure 7.1). The REFSL bit in the Reference Control register (REF0CN) selects the reference source.
For an external source or the internal reference, REFSL should be set to ‘0’. To use VDD as the reference
source, REFSL should be set to ‘1’.
The BIASE bit enables the internal voltage bias generator, which is used by the ADC, Temperature Sensor,
internal oscillators, and Current DAC. This bias is enabled when any of the aforementioned peripherals are
enabled. The bias generator may be enabled manually by writing a ‘1’ to the BIASE bit in register
REF0CN; see SFR Definition 7.1 for REF0CN register details. The electrical specifications for the voltage
reference circuit are given in Table 7.1.
The internal voltage reference circuit consists of a 1.2 V, temperature stable bandgap voltage reference
generator and a gain-of-two output buffer amplifier. The internal voltage reference can be driven out on the
VREF pin by setting the REFBE bit in register REF0CN to a ‘1’ (see SFR Definition 7.1). The maximum
load seen by the VREF pin must be less than 200 µA to GND. When using the internal voltage reference,
bypass capacitors of 0.1 µF and 4.7 µF are recommended from the VREF pin to GND. If the internal refer-
ence is not used, the REFBE bit should be cleared to ‘0’. Electrical specifications for the internal voltage
reference are given in Table 7.1.
Important Note about the VREF Pin: Port pin P0.3 on the C8051F360 device and P0.0 on
C8051F361/2/6/7/89 devices is used as the external VREF input and as an output for the internal VREF.
When using either an external voltage reference or the internal reference circuitry, the port pin should be
configured as an analog pin, and skipped by the Digital Crossbar. To configure the port pin as an analog
pin, set the appropriate bit to ‘0’ in register P0MDIN. To configure the Crossbar to skip the VREF port pin,
set the appropriate bit to ‘1’ in register P0SKIP. Refer to Section “17. Port Input/Output” on page 183 for
VREF
(to ADC)
To Analog Mux
VDD
VREF
R1
VDD
External
Voltage
Reference
Circuit
GND
Temp Sensor
EN
Bias Generator
To ADC, IDAC,
Internal Oscillators
EN
IOSCE
N
0
1
REF0CN
REFBE
Internal
Reference
EN
Recommended Bypass
Capacitors
+
4.7
µF0.1µF
Figure 7.1. Voltage Reference Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com