Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 84 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 84 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 80Page - Silicon Laboratories C8051F360 Datasheet HTML 81Page - Silicon Laboratories C8051F360 Datasheet HTML 82Page - Silicon Laboratories C8051F360 Datasheet HTML 83Page - Silicon Laboratories C8051F360 Datasheet HTML 84Page - Silicon Laboratories C8051F360 Datasheet HTML 85Page - Silicon Laboratories C8051F360 Datasheet HTML 86Page - Silicon Laboratories C8051F360 Datasheet HTML 87Page - Silicon Laboratories C8051F360 Datasheet HTML 88Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
84
Rev. 1.0
MOV direct, @Ri
Move indirect RAM to direct byte
2
2
MOV direct, #data
Move immediate to direct byte
3
3
MOV @Ri, A
Move A to indirect RAM
1
2
MOV @Ri, direct
Move direct byte to indirect RAM
2
2
MOV @Ri, #data
Move immediate to indirect RAM
2
2
MOV DPTR, #data16
Load DPTR with 16-bit constant
3
3
MOVC A, @A+DPTR
Move code byte relative DPTR to A
1
3
MOVC A, @A+PC
Move code byte relative PC to A
1
3
MOVX A, @Ri
Move external data (8-bit address) to A
1
3
MOVX @Ri, A
Move A to external data (8-bit address)
1
3
MOVX A, @DPTR
Move external data (16-bit address) to A
1
3
MOVX @DPTR, A
Move A to external data (16-bit address)
1
3
PUSH direct
Push direct byte onto stack
2
2
POP direct
Pop direct byte from stack
2
2
XCH A, Rn
Exchange Register with A
1
1
XCH A, direct
Exchange direct byte with A
2
2
XCH A, @Ri
Exchange indirect RAM with A
1
2
XCHD A, @Ri
Exchange low nibble of indirect RAM with A
1
2
Boolean Manipulation
CLR C
Clear Carry
1
1
CLR bit
Clear direct bit
2
2
SETB C
Set Carry
1
1
SETB bit
Set direct bit
2
2
CPL C
Complement Carry
1
1
CPL bit
Complement direct bit
2
2
ANL C, bit
AND direct bit to Carry
2
2
ANL C, /bit
AND complement of direct bit to Carry
2
2
ORL C, bit
OR direct bit to carry
2
2
ORL C, /bit
OR complement of direct bit to Carry
2
2
MOV C, bit
Move direct bit to Carry
2
2
MOV bit, C
Move Carry to direct bit
2
2
JC rel
Jump if Carry is set
2
2/3*
JNC rel
Jump if Carry is not set
2
2/3*
JB bit, rel
Jump if direct bit is set
3
3/4*
JNB bit, rel
Jump if direct bit is not set
3
3/4*
JBC bit, rel
Jump if direct bit is set and clear bit
3
3/4*
Program Branching
ACALL addr11
Absolute subroutine call
2
3*
LCALL addr16
Long subroutine call
3
4*
RET
Return from subroutine
1
5*
RETI
Return from interrupt
1
5*
AJMP addr11
Absolute jump
2
3*
LJMP addr16
Long jump
3
4*
SJMP rel
Short jump (relative address)
2
3*
JMP @A+DPTR
Jump indirect relative to DPTR
1
3*
Table 9.1. CIP-51 Instruction Set Summary (Continued)
Mnemonic
Description
Bytes
Clock
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com