Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 64 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 64 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 60Page - Silicon Laboratories C8051F360 Datasheet HTML 61Page - Silicon Laboratories C8051F360 Datasheet HTML 62Page - Silicon Laboratories C8051F360 Datasheet HTML 63Page - Silicon Laboratories C8051F360 Datasheet HTML 64Page - Silicon Laboratories C8051F360 Datasheet HTML 65Page - Silicon Laboratories C8051F360 Datasheet HTML 66Page - Silicon Laboratories C8051F360 Datasheet HTML 67Page - Silicon Laboratories C8051F360 Datasheet HTML 68Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
64
Rev. 1.0
6.1.2. Update Output Based on Timer Overflow
Similar to the ADC operation, in which an ADC conversion can be initiated by a timer overflow indepen-
dently of the processor, the IDAC outputs can use a Timer overflow to schedule an output update event.
This feature is useful in systems where the IDAC is used to generate a waveform of a defined sampling
rate by eliminating the effects of variable interrupt latency and instruction execution on the timing of the
IDAC output. When the IDA0CM bits (IDA0CN.[6:4]) are set to ‘000’, ‘001’, ‘010’ or ‘011’, writes to both
IDAC data registers (IDA0L and IDA0H) are held until an associated Timer overflow event (Timer 0,
Timer 1, Timer 2 or Timer 3, respectively) occurs, at which time the IDA0H:IDA0L contents are copied to
the IDAC input latches, allowing the IDAC output to change to the new value.
6.1.3. Update Output Based on CNVSTR Edge
The IDAC output can also be configured to update on a rising edge, falling edge, or both edges of the
external CNVSTR signal. When the IDA0CM bits (IDA0CN.[6:4]) are set to ‘100’, ‘101’, or ‘110’, writes to
both IDAC data registers (IDA0L and IDA0H) are held until an edge occurs on the CNVSTR input pin. The
particular setting of the IDA0CM bits determines whether IDAC outputs are updated on rising, falling, or
both edges of CNVSTR. When a corresponding edge occurs, the IDA0H:IDA0L contents are copied to the
IDAC input latches, allowing the IDAC output to change to the new value.
6.2.
IDAC Output Mapping
The IDAC data registers (IDA0H and IDA0L) are left-justified, meaning that the eight MSBs of the IDAC
output word are mapped to bits 7–0 of the IDA0H register, and the two LSBs of the IDAC output word are
mapped to bits 7 and 6 of the IDA0L register. The data word mapping for the IDAC is shown in Figure 6.2.
IDA0H
IDA0L
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Input Data Word
(D9–D0)
Output Current
IDA0OMD[1:0] = ‘1x’
Output Current
IDA0OMD[1:0] = ‘01’
Output Current
IDA0OMD[1:0] = ‘00’
0x000
0 mA
0 mA
0 mA
0x001
1/1024 x 2 mA
1/1024 x 1 mA
1/1024 x 0.5 mA
0x200
512/1024 x 2 mA
512/1024 x 1 mA
512/1024 x 0.5 mA
0x3FF
1023/1024 x 2 mA
1023/1024 x 1 mA
1023/1024 x 0.5 mA
Figure 6.2. IDA0 Data Word Mapping
The full-scale output current of the IDAC is selected using the IDA0OMD bits (IDA0CN[1:0]). By default,
the IDAC is set to a full-scale output current of 2 mA. The IDA0OMD bits can also be configured to provide
full-scale output currents of 1 mA or 0.5 mA, as shown in SFR Definition 6.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com