| Electronic Components Datasheet Search |
|
C8051F360 Datasheet(PDF) 81 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
C8051F360 Datasheet(HTML) 81 Page - Silicon Laboratories |
|
81 / 288 page ![]() DATA BUS TMP1 TMP2 PRGM. ADDRESS REG. PC INCREMENTER ALU PSW DATA BUS MEMORY INTERFACE MEM_ADDRESS D8 PIPELINE BUFFER DATA POINTER INTERRUPT INTERFACE SYSTEM_IRQs EMULATION_IRQ MEM_CONTROL CONTROL LOGIC A16 PROGRAM COUNTER (PC) STOP CLOCK RESET IDLE POWER CONTROL REGISTER SFR BUS INTERFACE SFR_ADDRESS SFR_CONTROL SFR_WRITE_DATA SFR_READ_DATA D8 D8 B REGISTER ACCUMULATOR D8 D8 D8 D8 MEM_WRITE_DATA MEM_READ_DATA SRAM ADDRESS REGISTER SRAM (256 X 8) STACK POINTER Rev. 1.0 81 C8051F360/1/2/3/4/5/6/7/8/9 Figure 9.1. CIP-51 Block Diagram 9.2. Programming and Debugging Support A C2-based serial interface is provided for in-system programming of the Flash program memory and com- munication with on-chip debug support logic. The re-programmable Flash can also be read and changed by the application software using the MOVC and MOVX instructions. This feature allows program memory to be used for non-volatile data storage as well as updating program code under software control. The on-chip debug support logic facilitates full speed in-circuit debugging, allowing the setting of hardware breakpoints and watch points, starting, stopping and single stepping through program execution (including interrupt service routines), examination of the program's call stack, and reading/writing the contents of reg- isters and memory. This method of on-chip debug is completely non-intrusive and non-invasive, requiring no RAM, Stack, timers, or other on-chip resources. The CIP-51 is supported by development tools from Silicon Labs and third party vendors. Silicon Labs pro- vides an integrated development environment (IDE) including editor, macro assembler, debugger and pro- grammer. The IDE's debugger and programmer interface to the CIP-51 via its C2 interface to provide fast and efficient in-system device programming and debugging. Third party macro assemblers and C compil- ers are also available. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |