Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 217 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 217 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 213Page - Silicon Laboratories C8051F360 Datasheet HTML 214Page - Silicon Laboratories C8051F360 Datasheet HTML 215Page - Silicon Laboratories C8051F360 Datasheet HTML 216Page - Silicon Laboratories C8051F360 Datasheet HTML 217Page - Silicon Laboratories C8051F360 Datasheet HTML 218Page - Silicon Laboratories C8051F360 Datasheet HTML 219Page - Silicon Laboratories C8051F360 Datasheet HTML 220Page - Silicon Laboratories C8051F360 Datasheet HTML 221Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 288 page
background image
Rev. 1.0
217
C8051F360/1/2/3/4/5/6/7/8/9
18.6. SMBus Status Decoding
The current SMBus status can be easily decoded using the SMB0CN register. In the table below, STATUS
VECTOR refers to the four upper bits of SMB0CN: MASTER, TXMODE, STA, and STO. The shown
response options are only the typical responses; application-specific procedures are allowed as long as
they conform to the SMBus specification. Highlighted responses are allowed but do not conform to the
SMBus specification.
Table 18.4. SMBus Status Decoding
Values Read
Current SMbus State
Typical Response Options
Values
Written
1110
0
0
X A master START was generated.
Load slave address + R/W
into SMB0DAT.
0
0
X
1100
000
A master data or address byte
was transmitted; NACK received.
Set STA to restart transfer.
1
0
X
Abort transfer.
0
1
X
001
A master data or address byte
was transmitted; ACK received.
Load next data byte into
SMB0DAT.
0
0
X
End transfer with STOP.
0
1
X
End transfer with STOP and
start another transfer.
1
1
X
Send repeated START.
1
0
X
Switch to Master Receiver
Mode (clear SI without writ-
ing new data to SMB0DAT).
0
0
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com