Electronic Components Datasheet Search
  English  ▼

X  

KS8893ML Datasheet(PDF) 45 Page - Micrel Semiconductor

Part # KS8893ML
Description  Integrated 3-Port 10/100 Managed Switch with PHYs Preliminary Data Sheet Rev. 1.0
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8893ML Datasheet(HTML) 45 Page - Micrel Semiconductor

Back Button KS8893ML Datasheet HTML 41Page - Micrel Semiconductor KS8893ML Datasheet HTML 42Page - Micrel Semiconductor KS8893ML Datasheet HTML 43Page - Micrel Semiconductor KS8893ML Datasheet HTML 44Page - Micrel Semiconductor KS8893ML Datasheet HTML 45Page - Micrel Semiconductor KS8893ML Datasheet HTML 46Page - Micrel Semiconductor KS8893ML Datasheet HTML 47Page - Micrel Semiconductor KS8893ML Datasheet HTML 48Page - Micrel Semiconductor KS8893ML Datasheet HTML 49Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 106 page
background image
Micrel
KS8893M/ML/MI
June 2005
45
M9999-063005
The following is a sample procedure for programming the KS8893M using the SPI bus:
1. At the board level, connect the KS8893M pins as follows:
KS8893M Pin #
KS8893M Signal Name
External Processor Signal Description
99
SPIS_N
SPI Slave Select
97
SCL
(SPIC)
SPI Clock
98
SDA
(SPID)
SPI Data
(Master output; Slave input)
96
SPIQ
SPI Data
(Master input; Slave output)
Table 15. KS8893M SPI Connections
2. Enable SPI slave mode by setting the KS8893M strap-in pins PS[1:0] (pins 100 and 101, respectively) to “10”.
3. Power up the board and assert reset to the KS8893M.
After reset, the “Start Switch” bit (register 1 bit [0]) is set to ‘0’.
4. Configure the desired register settings in the KS8893M, using the SPI write or multiple write command.
5. Read back and verify the register settings in the KS8893M, using the SPI read or multiple read command.
6. Write a ‘1’ to the “Start Switch” bit to start the KS8893M with the programmed settings.
Note: The “Start Switch” bit cannot be set to ‘0’ to stop the switch after an ‘1’ is written to this bit. Thus, it is
recommended that all switch configuration settings are programmed before the “Start Switch” bit is set to ‘1’.
Some of the configuration settings, such as “Aging enable”, “Auto Negotiation Enable”, “Force Speed” and “Power
down” can be programmed after the switch has been started.
The following four figures illustrate the SPI data cycles for “Write”, “Read”, “Multiple Write” and “Multiple Read”.
The read data is registered out of SPIQ on the falling edge of SPIC, and the data input on SPID is registered on
the rising edge of SPIC.
SPIQ
SPIC
SPID
SPIS_N
000
00010
X
A7 A6 A5 A4 A3 A2 A1 A0
WRITE COMMAND
WRITE ADDRESS
WRITE DATA
D2
D0
D1
D3
D4
D5
D6
D7
Figure 8. SPI Write Data Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com