Electronic Components Datasheet Search
  English  ▼

X  

KS8893ML Datasheet(PDF) 67 Page - Micrel Semiconductor

Part # KS8893ML
Description  Integrated 3-Port 10/100 Managed Switch with PHYs Preliminary Data Sheet Rev. 1.0
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8893ML Datasheet(HTML) 67 Page - Micrel Semiconductor

Back Button KS8893ML Datasheet HTML 63Page - Micrel Semiconductor KS8893ML Datasheet HTML 64Page - Micrel Semiconductor KS8893ML Datasheet HTML 65Page - Micrel Semiconductor KS8893ML Datasheet HTML 66Page - Micrel Semiconductor KS8893ML Datasheet HTML 67Page - Micrel Semiconductor KS8893ML Datasheet HTML 68Page - Micrel Semiconductor KS8893ML Datasheet HTML 69Page - Micrel Semiconductor KS8893ML Datasheet HTML 70Page - Micrel Semiconductor KS8893ML Datasheet HTML 71Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 106 page
background image
Micrel
KS8893M/ML/MI
June 2005
67
M9999-063005
Register 23 (0x17): Port 1 Control 7
Register 39 (0x27): Port 2 Control 7
Register 55 (0x37): Port 3 Control 7
Bit
Name
R/W
Description
Default
7-4
Ingress Pri3
Rate
R/W
Ingress data rate limit for priority 3 frames
Ingress traffic from this priority queue is shaped
according to the
ingress rate selected below:
0000 = Not limited (Default)
0001 = 64 Kbps
0010 = 128 Kbps
0011 = 256 Kbps
0100 = 512 Kbps
0101 = 1 Mbps
0110 = 2 Mbps
0111 = 4 Mbps
1000 = 8 Mbps
1001 = 16 Mbps
1010 = 32 Mbps
1011 = 48 Mbps
1100 = 64 Mbps
1101 = 72 Mbps
1110 = 80 Mbps
1111 = 88 Mbps
Note: For 10BT, rate settings above 10Mbps are
set to the default value 0000 (Not limited).
0x0
3-0
Ingress Pri2
Rate
R/W
Ingress data rate limit for priority 2 frames
Ingress traffic from this priority queue is shaped
according to the
ingress rate selected below:
0000 = Not limited (Default)
0001 = 64 Kbps
0010 = 128 Kbps
0011 = 256 Kbps
0100 = 512 Kbps
0101 = 1 Mbps
0110 = 2 Mbps
0111 = 4 Mbps
1000 = 8 Mbps
1001 = 16 Mbps
1010 = 32 Mbps
1011 = 48 Mbps
1100 = 64 Mbps
1101 = 72 Mbps
1110 = 80 Mbps
1111 = 88 Mbps
Note: For 10BT, rate settings above 10Mbps are
set to the default value 0000 (Not limited).
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com