Electronic Components Datasheet Search
  English  ▼

X  

KS8893ML Datasheet(PDF) 32 Page - Micrel Semiconductor

Part # KS8893ML
Description  Integrated 3-Port 10/100 Managed Switch with PHYs Preliminary Data Sheet Rev. 1.0
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8893ML Datasheet(HTML) 32 Page - Micrel Semiconductor

Back Button KS8893ML Datasheet HTML 28Page - Micrel Semiconductor KS8893ML Datasheet HTML 29Page - Micrel Semiconductor KS8893ML Datasheet HTML 30Page - Micrel Semiconductor KS8893ML Datasheet HTML 31Page - Micrel Semiconductor KS8893ML Datasheet HTML 32Page - Micrel Semiconductor KS8893ML Datasheet HTML 33Page - Micrel Semiconductor KS8893ML Datasheet HTML 34Page - Micrel Semiconductor KS8893ML Datasheet HTML 35Page - Micrel Semiconductor KS8893ML Datasheet HTML 36Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 106 page
background image
Micrel
KS8893M/ML/MI
June 2005
32
M9999-063005
reactivated again until switch resources free up. If a collision occurs, the binary exponential back-off algorithm is
skipped and carrier sense is generated immediately, thus reducing the chance of further collisions and carrier
sense is maintained to prevent packet reception.
To ensure no packet loss in 10 BASE-T or 100 BASE-TX half duplex modes, the user must enable the following:
1. Aggressive back-off (register 3 (0x03), bit [0])
2. No excessive collision drop (register 4 (0x04), bit [3])
Note: These bits are not set as defaults as this is not the IEEE standard.
Broadcast Storm Protection
The KS8893M has an intelligent option to protect the switch system from receiving too many broadcast packets.
As the broadcast packets are forwarded to all ports except the source port, an excessive number of switch
resources (bandwidth and available space in transmit queues) may be utilized. The KS8893M has the option to
include “multicast packets” for storm control. The broadcast storm rate parameters are programmed globally, and
can be enabled or disabled on a per port basis. The rate is based on a 67ms interval for 100BT and a 500ms
interval for 10BT. At the beginning of each interval, the counter is cleared to zero, and the rate limit mechanism
starts to count the number of bytes during the interval. The rate definition is described in register 6 (0x06) and 7
(0x07). The default setting is 0x63 (99 decimal). This is equal to a rate of 1%, calculated as follows:
148,800 frames/sec * 67ms/interval * 1% = 99 frames/interval (approx.) = 0x63
Note: 148,800 frames/sec is based on 64-byte block of packets in 100BASE-TX with 12 bytes of IPG and 8 bytes
of preamble between two packets.
MII Interface Operation
The Media Independent Interface (MII) is specified in Clause 22 of the IEEE 802.3u Standard. It provides a
common interface between physical layer and MAC layer devices. The MII provided by the KS8893M is
connected to the device’s third MAC. The interface contains two distinct groups of signals: one for transmission
and the other for reception. The following table describes the signals used by the MII bus.
KS8893M PHY-Mode Connections
KS8893M MAC-Mode Connections
External MAC
Controller Signals
KS8893M
PHY Signals
Pin
Descriptions
External
PHY Signals
KS8893M
MAC Signals
MTXEN
SMTXEN
Transmit enable
MTXEN
SMRXDV
MTXER
SMTXER
Transmit error
MTXER
(not used)
MTXD3
SMTXD[3]
Transmit data bit 3
MTXD3
SMRXD[3]
MTXD2
SMTXD[2]
Transmit data bit 2
MTXD2
SMRXD[2]
MTXD1
SMTXD[1]
Transmit data bit 1
MTXD1
SMRXD[1]
MTXD0
SMTXD[0]
Transmit data bit 0
MTXD0
SMRXD[0]
MTXC
SMTXC
Transmit clock
MTXC
SMRXC
MCOL
SCOL
Collision detection
MCOL
SCOL
MCRS
SCRS
Carrier sense
MCRS
SCRS
MRXDV
SMRXDV
Receive data valid
MRXDV
SMTXEN
MRXER
(not used)
Receive error
MRXER
SMTXER
MRXD3
SMRXD[3]
Receive data bit 3
MRXD3
SMTXD[3]
MRXD2
SMRXD[2]
Receive data bit 2
MRXD2
SMTXD[2]
MRXD1
SMRXD[1]
Receive data bit 1
MRXD1
SMTXD[1]
MRXD0
SMRXD[0]
Receive data bit 0
MRXD0
SMTXD[0]
MRXC
SMRXC
Receive clock
MRXC
SMTXC
Table 3. MII Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com