Electronic Components Datasheet Search
  English  ▼

X  

KS8893ML Datasheet(PDF) 80 Page - Micrel Semiconductor

Part # KS8893ML
Description  Integrated 3-Port 10/100 Managed Switch with PHYs Preliminary Data Sheet Rev. 1.0
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8893ML Datasheet(HTML) 80 Page - Micrel Semiconductor

Back Button KS8893ML Datasheet HTML 76Page - Micrel Semiconductor KS8893ML Datasheet HTML 77Page - Micrel Semiconductor KS8893ML Datasheet HTML 78Page - Micrel Semiconductor KS8893ML Datasheet HTML 79Page - Micrel Semiconductor KS8893ML Datasheet HTML 80Page - Micrel Semiconductor KS8893ML Datasheet HTML 81Page - Micrel Semiconductor KS8893ML Datasheet HTML 82Page - Micrel Semiconductor KS8893ML Datasheet HTML 83Page - Micrel Semiconductor KS8893ML Datasheet HTML 84Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 106 page
background image
Micrel
KS8893M/ML/MI
June 2005
80
M9999-063005
Register 107 (0x6B): TOS Priority Control Register 11
Bit
Name
R/W
Description
Default
7-6
DSCP[95:94]
R/W
The value in this field is used as the frame’s
priority when bits [7:2] of the frame’s IP
TOS/DiffServ/Traffic Class value is 0xBC.
00
5-4
DSCP[93:92]
R/W
The value in this field is used as the frame’s
priority when bits [7:2] of the frame’s IP
TOS/DiffServ/Traffic Class value is 0xB8.
00
3-2
DSCP[91:90]
R/W
The value in this field is used as the frame’s
priority when bits [7:2] of the frame’s IP
TOS/DiffServ/Traffic Class value is 0xB4.
00
1-0
DSCP[89:88]
R/W
The value in this field is used as the frame’s
priority when bits [7:2] of the frame’s IP
TOS/DiffServ/Traffic Class value is 0xB0.
00
Register 108 (0x6C): TOS Priority Control Register 12
Bit
Name
R/W
Description
Default
7-6
DSCP[103:102]
R/W
The value in this field is used as the frame’s
priority when bits [7:2] of the frame’s IP
TOS/DiffServ/Traffic Class value is 0xCC.
00
5-4
DSCP[101:100]
R/W
The value in this field is used as the frame’s
priority when bits [7:2] of the frame’s IP
TOS/DiffServ/Traffic Class value is 0xC8.
00
3-2
DSCP[99:98]
R/W
The value in this field is used as the frame’s
priority when bits [7:2] of the frame’s IP
TOS/DiffServ/Traffic Class value is 0xC4.
00
1-0
DSCP[97:96]
R/W
The value in this field is used as the frame’s
priority when bits [7:2] of the frame’s IP
TOS/DiffServ/Traffic Class value is 0xC0.
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com