Electronic Components Datasheet Search
  English  ▼

X  

KS8893ML Datasheet(PDF) 27 Page - Micrel Semiconductor

Part # KS8893ML
Description  Integrated 3-Port 10/100 Managed Switch with PHYs Preliminary Data Sheet Rev. 1.0
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8893ML Datasheet(HTML) 27 Page - Micrel Semiconductor

Back Button KS8893ML Datasheet HTML 23Page - Micrel Semiconductor KS8893ML Datasheet HTML 24Page - Micrel Semiconductor KS8893ML Datasheet HTML 25Page - Micrel Semiconductor KS8893ML Datasheet HTML 26Page - Micrel Semiconductor KS8893ML Datasheet HTML 27Page - Micrel Semiconductor KS8893ML Datasheet HTML 28Page - Micrel Semiconductor KS8893ML Datasheet HTML 29Page - Micrel Semiconductor KS8893ML Datasheet HTML 30Page - Micrel Semiconductor KS8893ML Datasheet HTML 31Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 106 page
background image
Micrel
KS8893M/ML/MI
June 2005
27
M9999-063005
LinkMD Cable Diagnostics
The LinkMD feature utilizes time domain reflectometry (TDR) to analyze the cabling plant for common cabling
problems such as open circuits, short circuits and impedance mismatches.
LinkMD works by sending a pulse of known amplitude and duration down the MDI and MDI-X pairs and then
analyzes the shape of the reflected signal. Timing the pulse duration gives an indication of the distance to the
cabling fault with maximum distance of 200m and accuracy of +/- 2m. Internal circuitry displays the TDR
information in a user-readable digital format.
Note: Cable diagnostics are only valid for copper connections and do not support fiber optic operation.
Access
LinkMD is initiated by accessing registers {26,27} and {42,43}, the LinkMD Control/Status registers, for ports 1
and 2, respectively; and in conjunction with registers 29 and 45, Port Control Register 13, for ports 1 and 2,
respectively.
Alternatively, the MIIM PHY registers 0 and 29 can be used for LinkMD access.
Usage
The following is a sample procedure for using LinkMD with registers {26,27,29} on port 1.
1. Disable auto MDI/MDI-X by writing a ‘1’ to register 29, bit [2] to enable manual control over the differential pair
used to transmit the LinkMD pulse.
2. Start cable diagnostic test by writing a ‘1’ to register 26, bit [4]. This enable bit is self-clearing.
3. Wait (poll) for register 26, bit [4] to return a ‘0’, indicating cable diagnostic test is completed.
4. Read cable diagnostic test results in register 26, bits [6:5]. The results are as follows:
00 = normal condition (valid test)
01 = open condition detected in cable (valid test)
10 = short condition detected in cable (valid test)
11 = cable diagnostic test failed (invalid test)
The ‘11’ case, invalid test, occurs when the KS8893M is unable to shut down the link partner. In this instance,
the test is not run, since it would be impossible for the KS8893M to determine if the detected signal is a
reflection of the signal generated or a signal from another source.
5. Get distance to fault by concatenating register 26, bit [0] and register 27, bits [7:0]; and multiplying the result
by a constant of 0.4. The distance to the cable fault can be determined by the following formula:
D (distance to cable fault) = 0.4 x {(register 26, bit [0]),(register 27, bits [7:0])}
D (distance to cable fault) is expressed in meters.
Concatenated value of registers 26 and 27 is converted to decimal before multiplying by 0.4.
The constant (0.4) may be calibrated for different cabling conditions, including cables with a velocity of
propagation that varies significantly from the norm.
For port 2 and for the MIIM PHY registers, LinkMD usage is similar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com