Electronic Components Datasheet Search
  English  ▼

X  

KS8893ML Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # KS8893ML
Description  Integrated 3-Port 10/100 Managed Switch with PHYs Preliminary Data Sheet Rev. 1.0
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8893ML Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button KS8893ML Datasheet HTML 11Page - Micrel Semiconductor KS8893ML Datasheet HTML 12Page - Micrel Semiconductor KS8893ML Datasheet HTML 13Page - Micrel Semiconductor KS8893ML Datasheet HTML 14Page - Micrel Semiconductor KS8893ML Datasheet HTML 15Page - Micrel Semiconductor KS8893ML Datasheet HTML 16Page - Micrel Semiconductor KS8893ML Datasheet HTML 17Page - Micrel Semiconductor KS8893ML Datasheet HTML 18Page - Micrel Semiconductor KS8893ML Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 106 page
background image
Micrel
KS8893M/ML/MI
June 2005
15
M9999-063005
Pin Number
Pin Name
Type
(1)
Description
42
AGND
Gnd
Analog ground
43
VDDA
P
1.2V analog VDD
44
FXSD1
I
Fiber signal detect / factory test pin
45
RXP1
I/O
Physical receive or transmit signal (+ differential)
46
RXM1
I/O
Physical receive or transmit signal (– differential)
47
AGND
Gnd
Analog ground
48
TXP1
I/O
Physical transmit or receive signal (+ differential)
49
TXM1
I/O
Physical transmit or receive signal (– differential)
50
VDDATX
P
3.3V analog VDD
51
VDDARX
P
3.3V analog VDD
52
RXM2
I/O
Physical receive or transmit signal (– differential)
53
RXP2
I/O
Physical receive or transmit signal (+ differential)
54
AGND
Gnd
Analog ground.
55
TXM2
I/O
Physical transmit or receive signal (– differential)
56
TXP2
I/O
Physical transmit or receive signal (+ differential)
57
VDDA
P
1.2V analog VDD
58
AGND
Gnd
Analog ground
59
TEST1
I
Factory test pin - float for normal operation
60
TEST2
I
Factory test pin - float for normal operation
61
ISET
O
Set physical transmit output current.
Pull-down this pin with a 3.01K 1% resistor to ground.
62
AGND
Gnd
Analog ground
63
VDDAP
P
1.2V analog VDD for PLL
64
AGND
Gnd
Analog ground.
65
66
X1
X2
I
O
25MHz crystal/oscillator clock connections
Pins (X1, X2) connect to a crystal. If an oscillator is used, X1
connects to a 3.3V tolerant oscillator and X2 is a no connect.
Note: Clock is +/- 50ppm for both crystal and oscillator.
67
RST_N
Ipu
Hardware reset pin (active low)
68
UNUSED
I
Unused pin – externally pull down for normal operation
69
UNUSED
I
Unused pin – externally pull down for normal operation
Note:
1. P = Power supply.
Gnd = Ground.
I = Input.
O = Output.
I/O = Bi-directional.
Ipu = Input w/ internal pull-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com