Electronic Components Datasheet Search
  English  ▼

X  

KS8893ML Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # KS8893ML
Description  Integrated 3-Port 10/100 Managed Switch with PHYs Preliminary Data Sheet Rev. 1.0
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8893ML Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button KS8893ML Datasheet HTML 9Page - Micrel Semiconductor KS8893ML Datasheet HTML 10Page - Micrel Semiconductor KS8893ML Datasheet HTML 11Page - Micrel Semiconductor KS8893ML Datasheet HTML 12Page - Micrel Semiconductor KS8893ML Datasheet HTML 13Page - Micrel Semiconductor KS8893ML Datasheet HTML 14Page - Micrel Semiconductor KS8893ML Datasheet HTML 15Page - Micrel Semiconductor KS8893ML Datasheet HTML 16Page - Micrel Semiconductor KS8893ML Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 106 page
background image
Micrel
KS8893M/ML/MI
June 2005
13
M9999-063005
Pin Number
Pin Name
Type
(1)
Description
9
NC
Ipd
No connect
10
NC
Ipd
No connect
11
NC
Ipu
No connect
12
ADVFC
Ipu
1 = advertise the switch’s flow control capability via auto
negotiation.
0 = will not advertise the switch’s flow control capability via
auto negotiation.
13
P2ANEN
Ipu
1 = enable auto negotiation on port 2
0 = disable auto negotiation on port 2
14
P2SPD
Ipd
1 = force port 2 to 100BT if P2ANEN = 0
0 = force port 2 to 10BT if P2ANEN = 0
15
P2DPX
Ipd
1 = port 2 default to full duplex mode if P2ANEN = 1 and auto
negotiation fails. Force port 2 in full duplex mode if P2ANEN
= 0.
0 = port 2 default to half duplex mode if P2ANEN = 1 and
auto negotiation fails. Force port 2 in half duplex mode if
P2ANEN = 0.
16
P2FFC
Ipd
1 = always enable (force) port 2 flow control feature
0 = port 2 flow control feature enable is determined by auto
negotiation result.
17
NC
Opu
No connect
18
NC
Ipd
No connect
19
NC
Ipd
No connect
20
P2LED3
Opd
Port 2 LED indicator
Note: Internal pull-down is weak; it will not turn ON the LED.
See description in pin 4.
21
DGND
Gnd
Digital ground
22
VDDC /
VOUT_1V2
P
VDDC: For KS8893M, this is an input power pin for the 1.2V
digital core VDD.
VOUT_1V2: For KS8893ML, this is a 1.2V output power pin to
supply the KS8893ML’s input power pins: VDDAP (pin 63),
VDDC (pins 91 and 123), and VDDA (pins 38, 43, and 57).
23
LEDSEL1
Ipd
LED display mode select
See description in pins 1 and 4.
24
NC
O
No connect
25
P1LED3
Opd
Port 1 LED indicator
Note: An external 1K pull-down is needed on this pin if it is
connected to a LED. The 1K resistor will not turn ON the
LED.
See description in pin 1.
Note:
1. P = Power supply.
Gnd = Ground.
O = Output.
Ipu = Input w/ internal pull-up.
Ipd = Input w/ internal pull-down.
Opu = Output w/ internal pull-up.
Opd = Output w/ internal pull-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com