Electronic Components Datasheet Search
  English  ▼

X  

KS8893ML Datasheet(PDF) 49 Page - Micrel Semiconductor

Part # KS8893ML
Description  Integrated 3-Port 10/100 Managed Switch with PHYs Preliminary Data Sheet Rev. 1.0
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8893ML Datasheet(HTML) 49 Page - Micrel Semiconductor

Back Button KS8893ML Datasheet HTML 45Page - Micrel Semiconductor KS8893ML Datasheet HTML 46Page - Micrel Semiconductor KS8893ML Datasheet HTML 47Page - Micrel Semiconductor KS8893ML Datasheet HTML 48Page - Micrel Semiconductor KS8893ML Datasheet HTML 49Page - Micrel Semiconductor KS8893ML Datasheet HTML 50Page - Micrel Semiconductor KS8893ML Datasheet HTML 51Page - Micrel Semiconductor KS8893ML Datasheet HTML 52Page - Micrel Semiconductor KS8893ML Datasheet HTML 53Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 106 page
background image
Micrel
KS8893M/ML/MI
June 2005
49
M9999-063005
MII Management (MIIM) Registers
The MIIM interface is used to access the MII PHY registers, defined in this section. The SPI, I
2C, and SMI
interfaces can also be used to access some of these registers. The latter three interfaces use a different mapping
mechanism than the MIIM interface.
The “PHYADs” by defaults are assigned “0x1” for PHY1 (port 1) and “0x2” for PHY2 (port 2). Additionally, these
“PHYADs” can be programmed to the PHY addresses specified in bits[7:3] of Register 15 (0x0F): Global Control
13.
The “REGAD” supported are 0x0-0x5, 0x1D and 0x1F.
Register Number
Description
PHYAD = 0x1, REGAD = 0x0
PHY1 Basic Control Register
PHYAD = 0x1, REGAD = 0x1
PHY1 Basic Status Register
PHYAD = 0x1, REGAD = 0x2
PHY1 Physical Identifier I
PHYAD = 0x1, REGAD = 0x3
PHY1 Physical Identifier II
PHYAD = 0x1, REGAD = 0x4
PHY1 Auto-Negotiation Advertisement Register
PHYAD = 0x1, REGAD = 0x5
PHY1 Auto-Negotiation Link Partner Ability Register
PHYAD = 0x1, 0x6 – 0x1C
PHY1 Not supported
PHYAD = 0x1, 0x1D
PHY1 LinkMD Control/Status
PHYAD = 0x1, 0x1E
PHY1 Not supported
PHYAD = 0x1, 0x1F
PHY1 Special Control/Status
PHYAD = 0x2, REGAD = 0x0
PHY2 Basic Control Register
PHYAD = 0x2, REGAD = 0x1
PHY2 Basic Status Register
PHYAD = 0x2, REGAD = 0x2
PHY2 Physical Identifier I
PHYAD = 0x2, REGAD = 0x3
PHY2 Physical Identifier II
PHYAD = 0x2, REGAD = 0x4
PHY2 Auto-Negotiation Advertisement Register
PHYAD = 0x2, REGAD = 0x5
PHY2 Auto-Negotiation Link Partner Ability Register
PHYAD = 0x2, 0x6 – 0x1C
PHY2 Not supported
PHYAD = 0x2, 0x1D
PHY2 LinkMD Control/Status
PHYAD = 0x2, 0x1E
PHY2 Not supported
PHYAD = 0x2, 0x1F
PHY2 Special Control/Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com