Electronic Components Datasheet Search
  English  ▼

X  

KS8893ML Datasheet(PDF) 22 Page - Micrel Semiconductor

Part # KS8893ML
Description  Integrated 3-Port 10/100 Managed Switch with PHYs Preliminary Data Sheet Rev. 1.0
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8893ML Datasheet(HTML) 22 Page - Micrel Semiconductor

Back Button KS8893ML Datasheet HTML 18Page - Micrel Semiconductor KS8893ML Datasheet HTML 19Page - Micrel Semiconductor KS8893ML Datasheet HTML 20Page - Micrel Semiconductor KS8893ML Datasheet HTML 21Page - Micrel Semiconductor KS8893ML Datasheet HTML 22Page - Micrel Semiconductor KS8893ML Datasheet HTML 23Page - Micrel Semiconductor KS8893ML Datasheet HTML 24Page - Micrel Semiconductor KS8893ML Datasheet HTML 25Page - Micrel Semiconductor KS8893ML Datasheet HTML 26Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 106 page
background image
Micrel
KS8893M/ML/MI
June 2005
22
M9999-063005
PLL Clock Synthesizer
The KS8893M generates 125MHz, 31.25MHz, 25MHz, and 10MHz clocks for system timing. Internal clocks are
generated from an external 25MHz crystal or oscillator. In RMII mode, these internal clocks are generated from
an external 50MHz oscillator or system clock.
Scrambler/De-scrambler (100BASE-TX Only)
The purpose of the scrambler is to spread the power spectrum of the signal to reduce electromagnetic
interference (EMI) and baseline wander. Transmitted data is scrambled through the use of an 11-bit wide linear
feedback shift register (LFSR). The scrambler generates a 2047-bit non-repetitive sequence, and the receiver
then de-scrambles the incoming data stream using the same sequence as at the transmitter.
100BASE-FX Operation
100BASE-FX operation is similar to 100BASE-TX operation with the differences being that the scrambler/de-
scrambler and MLT3 encoder/decoder are bypassed on transmission and reception. In addition, auto negotiation
is bypassed and auto MDI/MDI-X is disabled.
100BASE-FX Signal Detection
In 100BASE-FX operation, FXSD1 (fiber signal detect), input pin 44, is usually connected to the fiber transceiver
SD (signal detect) output pin. 100BASE-FX mode is activated when the FXSD1 input pin is greater than 1V.
When FXSD1 is between 1V and 1.8V, no fiber signal is detected and a far-end fault (FEF) is generated. When
FXSD1 is over 2.2V, the fiber signal is detected.
Alternatively, the designer may choose not to implement the FEF feature. In this case, the FXSD1 input pin is tied
high to force 100BASE-FX mode.
100BASE-FX signal detection is summarized in the following table:
FXSD1 Input Voltage
Mode
Less than 0.2V
TX mode
Greater than 1V, but less than 1.8V
FX mode
No signal detected.
Far-end fault generated
Greater than 2.2V
FX mode
Signal detected
Table 1. FX and TX Mode Selection
To ensure proper operation, a resistive voltage divider is recommended to adjust the fiber transceiver SD output
voltage swing to match the FXSD1 pin’s input voltage threshold.
100BASE-FX Far-End Fault
A far-end fault (FEF) occurs when the signal detection is logically false on the receive side of the fiber transceiver.
The KS8893M detects a FEF when its FXSD1 input is between 1V and 1.8V. When a FEF is detected, the
KS8893M signals its fiber link partner that a FEF has occurred by sending 84 1’s followed by a zero in the idle
period between frames.
By default, FEF is enabled. FEF can be disabled through register setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com