Electronic Components Datasheet Search
  English  ▼

X  

KS8893ML Datasheet(PDF) 36 Page - Micrel Semiconductor

Part # KS8893ML
Description  Integrated 3-Port 10/100 Managed Switch with PHYs Preliminary Data Sheet Rev. 1.0
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8893ML Datasheet(HTML) 36 Page - Micrel Semiconductor

Back Button KS8893ML Datasheet HTML 32Page - Micrel Semiconductor KS8893ML Datasheet HTML 33Page - Micrel Semiconductor KS8893ML Datasheet HTML 34Page - Micrel Semiconductor KS8893ML Datasheet HTML 35Page - Micrel Semiconductor KS8893ML Datasheet HTML 36Page - Micrel Semiconductor KS8893ML Datasheet HTML 37Page - Micrel Semiconductor KS8893ML Datasheet HTML 38Page - Micrel Semiconductor KS8893ML Datasheet HTML 39Page - Micrel Semiconductor KS8893ML Datasheet HTML 40Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 106 page
background image
Micrel
KS8893M/ML/MI
June 2005
36
M9999-063005
Serial Management Interface (SMI)
The SMI is the KS8893M non-standard MIIM interface that provides access to all KS8893M configuration
registers. This interface allows an external device to completely monitor and control the states of the KS8893M.
The SMI interface consists of the following:
A physical connection that incorporates the data line (MDIO) and the clock line (MDC).
A specific protocol that operates across the aforementioned physical connection that allows an external
controller to communicate with the KS8893M device.
Access to all KS8893M configuration registers. Register access includes the Global, Port and
Advanced Control Registers 0-141 (0x00 – 0x8D), and indirect access to the standard MIIM registers
[0:5] and custom MIIM registers [29, 31].
The following table depicts the SMI frame format.
Preamble
Start of
Frame
Read/Write
OP Code
PHY
Address
Bits [4:0]
REG
Address
Bits [4:0]
TA
Data
Bits [15:0]
Idle
Read
32 1’s
01
00
1xRRR
RRRRR
Z0
0000_0000_DDDD_DDDD
Z
Write
32 1’s
01
00
0xRRR
RRRRR
10
xxxx_xxxx_DDDD_DDDD
Z
Table 8. Serial Management Interface (SMI) Frame Format
SMI register read access is selected when OP Code is set to “00” and bit 4 of the PHY address is set to ‘1’. SMI
register write access is selected when OP Code is set to “00” and bit 4 of the PHY address is set to ‘0’. PHY
address bit[3] is undefined for SMI register access, and hence can be set to either ‘0’ or ‘1’ in read/write
operations.
To access the KS8893M registers 0-141 (0x00 – 0x8D), the following applies:
PHYAD[2:0] and REGAD[4:0] are concatenated to form the 8-bit address;
that is, {PHYAD[2:0], REGAD[4:0]} = bits [7:0] of the 8-bit address.
Registers are 8 data bits wide.
For read operation, data bits [15:8] are read back as 0’s.
For write operation, data bits [15:8] are not defined, and hence can be set to either ‘0’ or ‘1’.
SMI register access is the same as the MIIM register access, except for the register access requirements
presented in this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com